Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4580RF Datasheet(PDF) 35 Page - Rohm

Part # BA4580RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RF Datasheet(HTML) 35 Page - Rohm

Back Button BA4580RF Datasheet HTML 31Page - Rohm BA4580RF Datasheet HTML 32Page - Rohm BA4580RF Datasheet HTML 33Page - Rohm BA4580RF Datasheet HTML 34Page - Rohm BA4580RF Datasheet HTML 35Page - Rohm BA4580RF Datasheet HTML 36Page - Rohm BA4580RF Datasheet HTML 37Page - Rohm BA4580RF Datasheet HTML 38Page - Rohm BA4580RF Datasheet HTML 39Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Technical Note
35/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA15532 family
(*)
The above data is ability value of sample, it is not guaranteed.
0
200
400
600
800
1000
025
50
75
100
125
AMBIENT TEMPERATURE [℃] .
0.0
4.0
8.0
12.0
16.0
20.0
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
0.0
4.0
8.0
12.0
16.0
20.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA15532 family
BA15532 family
-6
-4
-2
0
2
4
6
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
-20℃
75℃
25℃
BA15532 family
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±3V
±15V
±20V
BA15532 family
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±20V
±15V
±3V
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
BA15532 family
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA15532 family
VOH
VOL
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
BA15532 family
VOL
VOH
0
100
200
300
400
500
600
700
800
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
25℃
75℃
-20℃
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
VOH
VOL
BA15532 family
-20
-15
-10
-5
0
5
10
15
20
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
VOH
VOL
BA15532 family
Fig. 243
Fig. 244
Fig. 245
Fig. 246
Fig. 247
Fig. 248
Fig. 249
Fig. 250
Fig. 251
Fig. 252
Fig. 253
Fig. 254
BA15532F
BA15532 family
25℃
75℃
BA15532 family
-20℃
±2 V
±20V
±15 V
BA15532 family
Derating Curve
Supply Current - Supply Voltage
Supply Current - Ambient Temperature
Maximum Output Voltage
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Maximum Output Voltage Swing
- Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Maximum Output Voltage
- Supply Voltage
(RL=600[Ω],Ta=25[℃])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], Vout=0[V])
Maximum Output Voltage
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ])
Maximum Output Voltage
- Output Current
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Bias Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
Input Bias Current - Supply Voltage
(Vicm=0[V], Vout=0[V])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com