Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6H Datasheet HTML 1Page - Omron Electronics LLC G6H Datasheet HTML 2Page - Omron Electronics LLC G6H Datasheet HTML 3Page - Omron Electronics LLC G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Relays - MOS FET
5
G3VM GR
G3VM LR
G3VM-60
G3VM-80
G3VM-22
General Attributes
Dimensions mm (in)
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Please refer to specific
data sheets for all
dimensional information
Load voltage
0-20V (AC or DC)
0-40V (AC or DC)
0-20V (AC or DC)
0-40V (AC or DC)
0-60V (AC or DC)
0-80V (AC or DC)
0-20V (AC or DC)
Features
• Smallest MOS FET relay
on the market
• C x R characteristics as
low as 5pF*!
• Low leakage current
• Very high operating
speed
• Ideal for IC and
Memory Test
Equipment, SoC Testers,
Measurement Devices,
Instrumentation, Medical
Equipment, Broadband
Systems, Data Loggers,
Security Systems
• C x R characteristics as
low as 5pF*!
• Low leakage current
• Very high operating
speed
• Ideal for IC and
Memory Test
Equipment, SoC Testers,
Measurement Devices,
Instrumentation, Medical
Equipment, Broadband
Systems, Data Loggers,
Security Systems
• High current switching
capability
• Low ON-resistance
• Low leakage current
• Cost effective solutions
• Ideal for Measurement
Devices, Instrumentation,
Security Systems,
Medical Equipment,
Alarm Controls,
Consumer Electronics
• High current switching
capability
• Low leakage current
• Ideal for Broadband
Systems,
Measurement Devices,
Instrumentation, Medical
Equipment, Data
Loggers, Consumer
Electronics
• Single input channel with
dual output channels
• Low ON-resistance
• Ideal for Inline Interface
Applications, Data
Loggers, ADSL Modems
and Routers, Edge
Routers, Data Storage
Devices
Maximum Ratings and
Electrical Characteristics
Continuous load current
0-120mA
0-160mA
0-300mA
0-450mA
0-120mA
0-160mA
0-300mA
0-400mA
0-500mA
0-1,000mA
0-2,000mA
0-2,500mA
0-350mA
0-1,250mA
0-150mA
Output capacitance
0.8pF (typ.)
1.0pF (typ.)
5.0pF (typ.)
10pF (typ.)
1.0pF (typ.)
5.0pF (typ.)
10pF (typ.)
_
_
_
ON resistance
(typical)
0.8!, 1!, 5!, 10!
1!, 5!, 10!
0.12! (max.)
7! (max.)
1! (typ.)
0.11! & 1.0!
2!
Available switching
configurations
1 Form A
1 Form A
1 Form A
1 Form A
Dual 1 Form A
Leakage current
1.0nA (max.)
1.0nA (max.)
1.0nA (max.) & 1.0µA (max.) 0.2nA (typ.) & 1.2nA (typ.)
1.0µA (max.)
turn-ON time
(typical)
0.3ms
0.3ms
0.8ms
1.0ms
1.4ms
0.3ms
2.0ms
0.5ms
Dielectric strength (AC
for 1 minute between
input and output)
1,500Vrms (min.)
1,500Vrms (min.)
1,500Vrms (min.)
2,500Vrms (min.)
1,500Vrms (min.)
2,500Vrms (min.)
Accessories
Tape & reel
Tape & reel
Tape & reel
Tape & reel
Tape & reel
Available packaging &
terminal choices
SOP
4 PIN
SOP
4 PIN
SOP, PCB, SMT
4 PIN, 6 PIN
SOP
4 PIN, 6 PIN
PCB & SMT
8 PIN
Approved standards
UL 1577
UL 1577
UL 1577
UL 1577
UL 1577
turn-OFF time
(typical)
0.3ms
0.3ms
0.1ms
0.2ms
0.6ms
0.3ms
0.7ms
0.5ms
ECbodyREADERS.indd 5
ECbodyREADERS.indd 5
7/27/06 8:32:01 AM
7/27/06 8:32:01 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com