Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6H
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G6H Datasheet HTML 2Page - Omron Electronics LLC G6H Datasheet HTML 3Page - Omron Electronics LLC G6H Datasheet HTML 4Page - Omron Electronics LLC G6H Datasheet HTML 5Page - Omron Electronics LLC G6H Datasheet HTML 6Page - Omron Electronics LLC G6H Datasheet HTML 7Page - Omron Electronics LLC G6H Datasheet HTML 8Page - Omron Electronics LLC G6H Datasheet HTML 9Page - Omron Electronics LLC G6H Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Relays - Low Signal RF/HF
8
www.components.omron.com
G6W
G6Y
G6Z
G6K-RF
General Attributes
Dimensions mm (in)
9.20 H x 20.70 L x 11.70 W
(0.36 x 0.81 x 0.46)
8.9 H x 20 L x 8.6 W
(0.35 x 0.79 x 0.34)
5.4 H x 10.3 L x 6.9 W
(0.21 x 0.41 x 0.27)
Switching
1A max.
0.5A max.
1A max.
Features
• 900MHz+ HF relay
• 1 Form C
• Micro strip line
technology
• Ideal for CATV, Digital
TV tuners, Test &
Measurement
8.9 H x 20 L x 9.4 W
(0.35 x 0.79 x 0.37)
0.5A max.
• 5GHz+ HF relay
• 1 Form C
• Tri-plate micro strip line
technology
• Latching & non-latching
models
• SMT and PCB versions
• Ideal for Base Station
LNA & TMA switching,
Test & Measurement,
Broadcast, FWA
• 2.6GHz+ HF relay
• 1 Form C
• Micro strip line technology
• 75 ! & 50 !
impedance models
• Latching & non-latching
models
• Reverse terminal configurations
• Y & E terminal configurations
• SMT and PCB versions
• Ideal for Base Station LNA &
TMA switching, CATV, Digital TV
tuners, Test & Measurement,
Broadcast, FWA
• 1GHz+ HF relay
• 2 Form C
• 100mW coil power
• Smallest 2 Form C on the
market
• Ideal for Test &
Measurement, CATV, Digital
TV tuners
HF Characteristics
Isolation
65dB (900MHz)
65dB (2GHz)
60dB (2.5GHz)
40dB (5.0GHz)
60 - 65dB (900MHz)
30 - 45dB (2.6GHz)
20 - 30dB (1GHz)
Contact type(s)
Twin crossbar
Twin crossbar
Twin crossbar
Bifurcated crossbar
Rated load
(under resistive load)
10mA @ 30VAC;
10mA @ 30VAC;
900 MHz, 1W
10mA @ 30VAC
10mA @ 30VDC
2.5GHz, 10W
10mA @ 30VAC;
10mA @ 30VDC;
900MHz, 10W
0.3A @ 125VAC;
1A @ 30VDC
Contact material
Au clad Cu alloy
Au clad Cu alloy
Au clad Cu alloy
Au alloy on Ag base
Max. operating voltage
30VDC, 30VAC
30VDC, 30VAC
30VDC, 30VAC
60VDC, 125VAC
Max. switching capacity
under resistive load
10VA, 10W
10VA, 10W
10VA, 10W
37.5VA, 30W
Min. electrical service life
(operations at rated load)
300,000
300,000
300,000
300,000
Coil Information
Coil voltage
3, 4.5, 5, 6, 9, 12, 24VDC
3, 4.5, 9, 12, 24VDC
3, 4.5, 5, 9, 12, 24VDC
3, 4.5, 5, 6, 9, 12, 24VDC
Power consumption
200mW
200mW (standard)
200mW (single latching)
360mW (dual latching)
200mW (standard)
200mW (single latching)
360mW (dual latching)
100mW
Characteristics
Dielectric strength
between coil & contacts
(50/60 Hz for 1 minute)
1,000VAC
1,000VAC
1,000VAC
750VAC
Terminal choices
PCB
PCB, SMT Gullwing
PCB, SMT Gullwing
SMT Gullwing
Packaging / Options
–
–
Tape & reel available
–
Contact Information
Contact form
1 Form C
1 Form C
1 Form C
Insertion loss
0.5dB (900MHz)
0.2dB (2GHz)
0.2dB (2.5GHz)
0.4dB (5.0GHz)
0.1 - 0.2dB (900MHz)
0.3 - 0.5dB (2.6GHz)
0.2dB (1GHz)
VSWR
1.5 (900MHz)
1.2 (2GHz)
1.2 (2.5GHz)
1.5 (5.0GHz)
1.1 - 1.2 (900MHz)
1.3 - 1.5 (2.6GHz)
0.2dB (1GHz)
2 Form C
G9YA
39.0 H x 34.0 L x 13.2 W
(1.54 x 1.34 x 0.52)
100mA max.
• 26.5GHz bandwidth
• Coaxial HF relay
• 60dB isolation (26.5GHz)
• Contact carry power of 120W
at 3GHz
• Available in failsafe &
TTL-driven models
• Also available in non-latching
and dual latching configuraitons
• Ideal for Mobile Communications
Infrastructure Equipment,
Broadcast Equipment, Test
and Measurement Equipment,
Wireless LAN
60dB (26.5GHz)
65dB (12.4GHz)
Twin crossbar
100mA @ 30VDC
Au clad Cu alloy
30VDC
120W (3GHz)
5,000,000
4.5, 5, 12, 15, 24, 28VDC
500mW (dual latching)
700mW (failsafe)
500VAC
SMA Terminals, Solder
Terminals, Pin Terminals
Connector Cables
0.8dB (26.5GHz)
0.4dB (12.4GHz)
0.3dB (8GHz)
1.7 (26.5GHz)
1.35 (12.4GHz)
1.25 (8GHz)
1 Form C
NEW!
ECbodyREADERS.indd 8
ECbodyREADERS.indd 8
7/14/06 11:21:45 PM
7/14/06 11:21:45 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com