Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128CSS11MT Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C128CSS11MT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSS11MT Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C128CSS11MT Datasheet HTML 5Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 6Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 7Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 8Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 9Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 10Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 11Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 12Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
7.
Device Addressing
The 128K EEPROM requires an 8-bit device address word following a start condition to enable the chip for a read or
write operation (Figure 7-1). The device address word consists of a mandatory one, zero sequence for the first four most
significant bits as shown. This is common to all 2-wire EEPROM devices.
Figure 7-1. Device Addressing
The next three bits are the A2, A1, and A0 device address bits to allow as many as eight devices on the same bus. These
bits must compare to their corresponding hard wired input pins. The A2, A1, and A0 pins use an internal proprietary circuit
that biases them to a logic low condition if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high,
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the device will return
to a standby state.
Data Security: AT24C128C has a hardware data protection scheme that allows the user to write protect the whole
memory when the WP pin is at VCC.
1
0
1
0
A2A1A0
R/W
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com