Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128CSS11MT Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT24C128CSS11MT
Description  I2C-Compatible (2-Wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128CSS11MT Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT24C128CSS11MT Datasheet HTML 14Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 15Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 16Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 17Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 18Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 19Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 20Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 21Page - ATMEL Corporation AT24C128CSS11MT Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
Atmel AT24C128C [DATASHEET]
8734B–SEEPR–9/2012
13.3 8MA2 — 8-pad UDFN
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
8MA2
YNZ
C
8MA2, 8-pad, 2 x 3 x 0.6 mm Body, Thermally
Enhanced Plastic Ultra Thin Dual Flat No
Lead Package (UDFN)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
1.90
2.00
2.10
E
2.90
3.00
3.10
D2
1.40
1.50
1.60
E2
1.20
1.30
1.40
A
0.50
0.55
0.60
A1
0.0
0.02
0.05
A2
–
–
0.55
C
0.152 REF
L
0.30
0.35
0.40
e
0.50 BSC
b
0.18
0.25
0.30
3
K
0.20
–
–
9/6/12
D2
E2
E
e (6x)
L (8x)
b (8x)
Pin#1 ID
A
A1
A2
Pin 1 ID
D
C
K
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com