Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1612TY Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1612TY
Description  1.9A FIXED FREQUENCY WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1612TY Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1612TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Power
Electronics Corp.
APE1612
APPLICATION INFORMATION
Setting the ILED Current
Over Voltage Protection
Under Voltage Lockout (UVLO)
Input Capacitor Selection
Output Capacitor Selection
4
The output capacitor is required to keep the output voltage ripple small and to ensure
regulation loop stability. The output capacitor must have low impedance at the switching
frequency. Ceramic capacitors with X5R or X7R dielectrics are recommended due to their
low ESR and high ripple current. A 1uF ceramic capacitors works for most of the
applications. Higher capacitor values can be used to improve the load transient response.
Application circuit item shows the basic application circuit with APE1612 adjustable
output version. The external resistor sets the LED output current according to the following
equation:
⎟
⎠
⎞
⎜
⎝
⎛
=
3
3
.
0
R
V
I
LED
To avoid mis-operation of the device at low input voltages an under voltage lockout is
included that disables the device, if the input voltage falls below (2.25V-100mV).
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to
the input. A low ESR input capacitor sized for maximum RMS current must be used.
Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their
low ESR and small temperature coefficients. A 4.7 µ F ceramic capacitor for most
applications is sufficient. For a lower output power requirement application, this value can
be decreased.
ILED
20mA
15Ω
6mW
350mA
0.857Ω
105mW
R3
OV measure the output voltage for open circuit protection. Connect OV pin to the
output at the top of the LED string. If VOUT above 29V, the OVP protection is happened
that stops the internal driver until VOUT below 29V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com