Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1612TY Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE1612TY
Description  1.9A FIXED FREQUENCY WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1612TY Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1612TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Power
Electronics Corp.
1.9A FIXED FREQUENCY WHITE LED DRIVER
FEATURES
DESCRIPTION
2.5V to 5.5 V Operating Input Voltage Rang
Drives up to 8 Series White LEDs
1.2MHz Fixed Switching Frequency
Wide Range for PWM Dimming (200Hz to 200KHz)
Internal 1.9A Switching Current Limit
Over Voltage Protection (OVP)
Internal Soft-start Function
Current Limit and Thermal Shutdown Protection
Under Voltage Lockout
Available in the TSOT-26 Packages
1. 8 series LED application
2. LED Dimming application
Data and specifications subject to change without notice
201203211
APE1612
TYPICAL APPLICATION
1
The APE1612 is a step-up converter designed for
driving up to 8 series white LEDs for backlighting application.
The APE1612 uses current mode, 1.2MHz fixed frequency
architecture to regulate the LED current, which is set through
an external current sense resistor. Its low 300mV feedback
voltage reduces power loss and improves efficiency. The OV
pin monitors the output voltage and turns off the converter if
an over-voltage condition is present due to an open circuit
condition. The APE1612 includes under-voltage lockout,
current limiting and thermal shutdown protection preventing
damage in the event of an output overload. The driver is
available in TSOT-26 packages.
VIN=5V
C1
4.7uF
L1
4.7uH
U1
APE1612
VCC
EN
OV
GND
SW
C2
1uF
D1
B240A
ILED=VFB/R3, VFB=300mV
200~200KHz
FB
R3
8-WLEDs
Dimming
VIN=5V
C1
4.7uF
L1
4.7uH
U1
APE1612
VCC
EN
OV
GND
SW
C2
1uF
D1
B240A
ILED=VFB/R3, VFB=300mV
ON
OFF
FB
R3
8-WLEDs


Similar Part No. - APE1612TY

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
APE1601A A-POWER-APE1601A Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
APE1630G5 A-POWER-APE1630G5 Datasheet
612Kb / 11P
32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
More results

Similar Description - APE1612TY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0056 MPS-EV0056 Datasheet
195Kb / 3P
Fixed Frequency White LED Driver
EV3204DJ-00A MPS-EV3204DJ-00A Datasheet
170Kb / 3P
Fixed Frequency White LED Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3301 FOSLINK-FSP3301 Datasheet
259Kb / 9P
FIXED FREQUENCY WHITE LED DRIVER
logo
Monolithic Power System...
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
1.9A Fixed Frequency White LED Driver
logo
Monolithic Power System...
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com