Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-010350 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010350
Description  SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010350 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-010350 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP4T High Isolation Terminated Switch
0.01 - 4.0 GHz
Rev. V1
MASW-010350
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 5: TA = +25°C, Z0 = 50 Ω, VDD = +3.0 V, VC = 0/+3.0 V
5. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling
capacitors, as shown on the application schematic.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
(All Paths)
0.9 GHz
2.1 GHz
2.6 GHz
4.0 GHz
dB
—
0.8
0.8
1.6
1.9
—
1.1
—
—
Isolation
(RFC-RF1 & RFC-RF4)
0.9 GHz
2.1 GHz
2.6 GHz
4.0 GHz
dB
—
55
—
—
65
60
55
45
—
Isolation
(RFC-RF2 & RFC-RF3)
0.9 GHz
2.1 GHz
2.6 GHz
4.0 GHz
dB
—
50
—
—
60
55
52
40
—
Return Loss
(All RF ports)
2.1 GHz
dB
—
14
—
Input IP3
Two Tone, +10 dBm/tone, 5 MHz Spacing
2.1 GHz
dBm
—
50
—
Input P1dB
2.1 GHz
dBm
—
27
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
RF = 2.1 GHz
ns
—
20
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
RF = 2.1 GHz
ns
—
40
—
IDD
VDD = +3.0V
µA
—
1.0
—
Control Current
VC = 0V / +3.0V
µA
—
1.0
5.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com