Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-010350 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010350
Description  SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010350 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-010350 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-010350 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SP4T High Isolation Terminated Switch
0.01 - 4.0 GHz
Rev. V1
MASW-010350
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Max Input Power
(RFC Port , ON state)
+20 dBm (0.05 - 0.5 GHz)
+30 dBm (0.5 - 4.0 GHz)
VDD Supply
-0.5 V to +7.0 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Control Voltage
-0.5 V < VC <VDD +0.5 V
(VC not to exceed 7.0 V)
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Truth Table 11,12
V1
V2
V3
RFC-
RF1
RFC-
RF2
RFC-
RF3
RFC-
RF4
0
0
0
1
0
0
On
Off
Off
Off
0
1
0
Off
On
Off
Off
1
1
0
Off
Off
On
Off
0
0
1
Off
Off
Off
On
0
1
1
Off
Off
Off
Off
Unsupported
1
1
1
Off
Off
Off
Off
11. Positive Control: 1 = 0.7*VDD to VDD
0 = 0 V to 0.3*VDD
12. See Application Section for optional 2 control operation for
applications which do not require the All-Off condition.
Application Schematic8,9,10
8. The exposed pad centered on the package bottom must be
connected to ground for RF, DC and thermal considerations.
9. All blocking capacitors and decoupling capacitors = 1000 pF
10. M/A-COM Technology Solutions recommends connecting all
N/C pins to RF and DC ground in the PCB layout as shown.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices. An external protection circuit using ESD/
Transient protection devices on the RF ports can
be used to protect the IC if required in application.
Please reference application note AN3007 on
http://www.macomtech.com for further detail.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com