Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1671AP Datasheet(PDF) 8 Page - Analog Devices

Part # AD1671AP
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671AP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1671AP Datasheet HTML 4Page - Analog Devices AD1671AP Datasheet HTML 5Page - Analog Devices AD1671AP Datasheet HTML 6Page - Analog Devices AD1671AP Datasheet HTML 7Page - Analog Devices AD1671AP Datasheet HTML 8Page - Analog Devices AD1671AP Datasheet HTML 9Page - Analog Devices AD1671AP Datasheet HTML 10Page - Analog Devices AD1671AP Datasheet HTML 11Page - Analog Devices AD1671AP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1671
REV. B
–8–
85
40
0
50
45
–45
–50
55
60
65
70
75
80
–5
–10
–15
–20
–25
–30
–35
–40
ANALOG INPUT – dB
Figure 7. Spurious Free Dynamic Range vs. Input
Amplitude, fIN = 250 kHz
APPLYING THE AD1671
GROUNDING AND DECOUPLING RULES
Proper grounding and decoupling should be a primary design
objective in any high speed, high resolution system. The
AD1671 separates analog and digital grounds to optimize the
management of analog and digital ground currents in a system.
The AD1671 is designed to minimize the current flowing from
REF COM (Pin 20) by directing the majority of the current
from VCC (+5 V–Pin 28) to VEE (–5 V–Pin 1). Minimizing ana-
log ground currents hence reduces the potential for large ground
voltage drops. This can be especially true in systems that do not
utilize ground planes or wide ground runs. REF COM is also
configured to be code independent, therefore reducing input de-
pendent analog ground voltage drops and errors. Code depen-
dent ground current is diverted to ACOM (Pin 27). Also critical
in any high speed digital design is the use of proper digital
grounding techniques to avoid potential CMOS “ground
bounce.” Figure 3 is provided to assist in the proper layout,
grounding and decoupling techniques.
AIN1
REF IN
BPO/UPO
ACOM
BIT 1
BIT 12
DCOM
AD1671
ENCODE
DAV
OTR
MSB
AGP*
DGP*
+5V
–5V
*GROUND PLANE RECOMMENDED
AIN2
REF OUT
SHA OUT
REF COM
1
µF
VCC
VEE VLOGIC
V
(
±5V)
IN
1
18
28
+5V
0.1
µF
10
µF
23
22
20
27
19
25
26
24
21
13
2
17
16
15
14
0.1
µF10µF
0.1
µF10µF
Figure 8. AD1671 Grounding and Decoupling
Figure 4 plots both S/(N+D) and Effective Number of Bits
(ENOB) for a 100 kHz input signal sampled from 666 kHz to
1.25 MHz.
SAMPLING FREQUENCY – kHz
72.5
68
1250
68.5
70.5
714
666
69
69.5
70
71
71.5
72
1111
1000
909
833
769
11.75
11.50
11.25
11.00
Figure 4. S/(N/D) vs. Sampling Frequency, fIN = 100 kHz
Figure 5 is a THD plot for a full-scale 100 kHz input signal with
the sample frequency swept from 666 kHz to 1.25 MHz.
–68
–86
1250
–84
–76
714
666
–82
–80
–78
–74
–72
–70
1111
1000
909
833
769
SAMPLING FREQUENCY – kHz
Figure 5. THD vs. Sampling Rate, fIN = 100 kHz
The AD1671’s SFDR performance is ideal for use in communi-
cation systems such as high speed modems and digital radios.
The SFDR is better than 84 dB with sample rates up to 1.11 MHz
and increases as the input signal amplitude is attenuated by ap-
proximately 3 dB. Note also the SFDR is typically better than
80 dB with input signals attenuated by up to –7 dB.
1250
714
666
1111
1000
909
833
769
SAMPLING FREQUENCY – kHz
–86
–68
–84
–76
–82
–80
–78
–74
–72
–70
–88
–90
Figure 6. Spurious Free Dynamic Range vs. Sampling
Rate, fIN = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com