Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1671AP Datasheet(PDF) 10 Page - Analog Devices

Part # AD1671AP
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671AP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1671AP Datasheet HTML 6Page - Analog Devices AD1671AP Datasheet HTML 7Page - Analog Devices AD1671AP Datasheet HTML 8Page - Analog Devices AD1671AP Datasheet HTML 9Page - Analog Devices AD1671AP Datasheet HTML 10Page - Analog Devices AD1671AP Datasheet HTML 11Page - Analog Devices AD1671AP Datasheet HTML 12Page - Analog Devices AD1671AP Datasheet HTML 13Page - Analog Devices AD1671AP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1671
REV. B
–10–
UNIPOLAR (0 V TO +2.5 V) CALIBRATION
The connections for the 0 V to +2.5 V input range calibration is
shown in Figure 11. Figure 11 shows an example of how the
offset error can be trimmed in front of the AD1671. The proce-
dure for trimming the offset and gain errors is the same as for
the unipolar 5 V range.
AIN1
AIN2
5k
5k
SHA OUT
BPO/UPO
AD1671
REF IN
REF OUT
SHA
OFFSET ADJ
+15V
1k
0 TO +2.5V
VIN
10k
10k
R2
2k
GAIN
ADJ
1µF
R1
AD845
1k
Ω
390
Ω
Figure 11. Unipolar (0 V to +2.5 V) Calibration
BIPOLAR ( 2.5 V) CALIBRATION
The connections for the bipolar
±2.5 V input range is shown in
Figure 12.
AIN1
AIN2
5k
5k
SHA OUT
BPO/UPO
AD1671
REF IN
REF OUT
SHA
OFFSET ADJ
+15V
1k
VIN
10k
10k
R2
2k
GAIN
ADJ
1µF
R1
AD845
1k
Ω
390
Ω
–2.5V TO +2.5V
Figure 12. Bipolar (
±2.5 V) Calibration
OUTPUT LATCHES
Figure 13 shows the AD1671 connected to the 74HC574 octal
D-type edge-triggered latches with 3-state outputs. The latch
can drive highly capacitive loads (i.e., bus lines, I/O ports) while
maintaining the data signal integrity. The maximum setup and
hold times of the 574 type latch must be less than 20 ns (tDD
and tSS minimum). To satisfy the requirements of the 574 type
latch the recommended logic families are S, AS, ALS, F or
BCT. New data from the AD1671 is latched on the rising edge
of the DAV (Pin 16) output pulse. Previous data can be latched
by inverting the DAV output with a 7404 type inverter.
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
DAV
DATA BUS
3-STATE
CONTROL
AD1671
1D
2D
3D
4D
5D
6D
7D
8D
CLOCK
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
74HC574
OC
1D
2D
3D
4D
5D
6D
7D
8D
CLOCK
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
74HC574
OC
Figure 13. AD1671 to Output Latches
OUT OF RANGE
An out-of-range condition exists when the analog input voltage
is beyond the input range (0 V to +2.5 V, 0 V to +5 V,
±2.5 V,
±5 V) of the converter OTR (Pin 15) is set low when the analog
input voltage is within the analog input range. OTR is set HIGH
and will remain HIGH when the analog input voltage exceeds
the input range by typically 1/2 LSB (OTR transition is tested to
±6 LSBs of accuracy) from the center of the ±full-scale output
codes. OTR will remain HIGH until the analog input is within
the input range and another conversion is completed. By logical
ANDing OTR with the MSB and its complement, overrange
high or underrange low conditions can be detected. Table II is a
truth table for the over/under range circuit in Figure 14. Sys-
tems requiring programmable gain conditioning prior to the
AD1671 can immediately detect an out-of-range condition, thus
eliminating gain selection iterations.
Table II. Out-of-Range Truth Table
OTR
MSB
Analog Input Is
0
0
In Range
0
1
In Range
1
0
Underrange
1
1
Overrange
MSB
OTR
MSB
OVER = "1"
UNDER = "1"
Figure 14. Overrange or Underrange Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com