Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ64GS606-IPT Datasheet(PDF) 71 Page - Microchip Technology

Part # DSPIC33FJ64GS606-IPT
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GS606-IPT Datasheet(HTML) 71 Page - Microchip Technology

Back Button DSPIC33FJ64GS606-IPT Datasheet HTML 67Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 68Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 69Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 70Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 71Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 72Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 73Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 74Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 456 page
background image
TABLE 4-16:
HIGH-SPEED PWM REGISTER MAP
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PTCON
0400
PTEN
—
PTSIDL
SESTAT
SEIEN
EIPU
SYNCPOL SYNCOEN SYNCEN
SYNCSRC<2:0>
SEVTPS<3:0>
0000
PTCON2
0402
—
—
—
—
—
—
—
—
—
—
—
—
—PCLKDIV<2:0>
0000
PTPER
0404
PTPER<15:0>
FFF8
SEVTCMP
0406
SEVTCMP<15:3>
—
—
—
0000
MDC
040A
MDC<15:0>
0000
STCON
040E
—
—
—
SESTAT
SEIEN
EIPU
SYNCPOL SYNCOEN SYNCEN
SYNCSRC<2:0>
SEVTPS<3:0>
0000
STCON2
0410
—
—
—
—
—
—
—
—
—
—
—
—
—PCLKDIV<2:0>
0000
STPER
0412
STPER<15:0>
FFF8
SSEVTCMP
0414
SSEVTCMP<15:3>
—
—
—
0000
CHOP
041A
CHPCLKEN
—
—
—
—
—
CHOP<9:3>
—
—
—
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-17:
HIGH-SPEED PWM GENERATOR 1 REGISTER MAP
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PWMCON1
0420
FLTSTAT
CLSTAT TRGSTAT FLTIEN
CLIEN
TRGIEN
ITB
MDCS
DTC<1:0>
DTCP
—
MTBS
CAM
XPRES
IUE
0000
IOCON1
0422
PENH
PENL
POLH
POLL
PMOD<1:0>
OVRENH OVRENL
OVRDAT<1:0>
FLTDAT<1:0>
CLDAT<1:0>
SWAP
OSYNC
0000
FCLCON1
0424
IFLTMOD
CLSRC<4:0>
CLPOL
CLMOD
FLTSRC<4:0>
FLTPOL
FLTMOD<1:0>
0000
PDC1
0426
PDC1<15:0>
0000
PHASE1
0428
PHASE1<15:0>
0000
DTR1
042A
—
—
DTR1<13:0>
0000
ALTDTR1
042C
—
—
ALTDTR1<13:0>
0000
SDC1
042E
SDC1<15:0>
0000
SPHASE1
0430
SPHASE1<15:0>
0000
TRIG1
0432
TRGCMP<15:3>
—
—
—
0000
TRGCON1
0434
TRGDIV<3:0>
—
—
—
—DTM
—TRGSTRT<5:0>
0000
STRIG1
0436
STRGCMP<15:3>
—
—
—
0000
PWMCAP1
0438
PWMCAP1<15:3>
—
—
—
0000
LEBCON1
043A
PHR
PHF
PLR
PLF
FLTLEBEN CLLEBEN
—
—
—
—
BCH
BCL
BPHH
BPHL
BPLH
BPLL
0000
LEBDLY1
043C
—
—
—
—LEB<11:3>
—
—
—
0000
AUXCON1
043E
HRPDIS
HRDDIS
—
—
BLANKSEL<3:0>
—
—
CHOPSEL<3:0>
CHOPHEN CHOPLEN
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com