Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ64GS606-IPT Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC33FJ64GS606-IPT
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GS606-IPT Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC33FJ64GS606-IPT Datasheet HTML 87Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 88Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 89Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 90Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 91Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 92Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 93Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 94Page - Microchip Technology DSPIC33FJ64GS606-IPT Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 456 page
background image
TABLE 4-40:
ANALOG COMPARATOR CONTROL REGISTER MAP
TABLE 4-41:
PORTA REGISTER MAP FOR dsPIC33FJ32GS610 AND dsPIC33FJ64GS610 DEVICES
TABLE 4-42:
PORTA REGISTER MAP FOR dsPIC33FJ32GS608 AND dsPIC33FJ64GS608 DEVICES
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CMPCON1
0540
CMPON
—CMPSIDL
—
—
—
—
DACOE
INSEL<1:0>
EXTREF
—CMPSTAT
—
CMPPOL RANGE
0000
CMPDAC1
0542
—
—
-
—
—
—CMREF<9:0>
0000
CMPCON2
0544
CMPON
—CMPSIDL
—
—
—
—
DACOE
INSEL<1:0>
EXTREF
—CMPSTAT
—
CMPPOL RANGE
0000
CMPDAC2
0546
—
—
-
—
—
—CMREF<9:0>
0000
CMPCON3
0548
CMPON
—CMPSIDL
—
—
—
—
DACOE
INSEL<1:0>
EXTREF
—CMPSTAT
—
CMPPOL RANGE
0000
CMPDAC3
054A
—
—
-
—
—
—CMREF<9:0>
0000
CMPCON4
054C
CMPON
—CMPSIDL
—
—
—
—
DACOE
INSEL<1:0>
EXTREF
—CMPSTAT
—
CMPPOL RANGE
0000
CMPDAC4
054E
—
—
—
—
—
—CMREF<9:0>
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
File
Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISA
02C0 TRISA15 TRISA14
—
—
—
TRISA10 TRISA9
—
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
C6FF
PORTA
02C2
RA15
RA14
—
—
—
RA10
RA9
—
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx
LATA
02C4
LATA15
LATA14
—
—
—
LATA10
LATA9
—
LATA7
LATA6
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
0000
ODCA
02C6 ODCA15 ODCA14
—
—
—
ODCA10 ODCA9
—
—
—
ODCA5
ODCA4
—
—
ODCA1
ODCA0
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
File
Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISA
02C0 TRISA15 TRISA14
—
—
—
TRISA10 TRISA9
—
—
—
—
—
—
—
—
—
C600
PORTA
02C2
RA15
RA14
—
—
—
RA10
RA9
—
—
—
—
—
—
—
—
—
xxxx
LATA
02C4
LATA15
LATA14
—
—
—
LATA10
LATA9
—
—
—
—
—
—
—
—
—
0000
ODCA
02C6 ODCA15 ODCA14
—
—
—
ODCA10 ODCA9
—
—
—
—
—
—
—
—
—
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com