Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ64GP310 Datasheet(PDF) 31 Page - Microchip Technology

Part # 33FJ64GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP310 Datasheet(HTML) 31 Page - Microchip Technology

Back Button 33FJ64GP310 Datasheet HTML 27Page - Microchip Technology 33FJ64GP310 Datasheet HTML 28Page - Microchip Technology 33FJ64GP310 Datasheet HTML 29Page - Microchip Technology 33FJ64GP310 Datasheet HTML 30Page - Microchip Technology 33FJ64GP310 Datasheet HTML 31Page - Microchip Technology 33FJ64GP310 Datasheet HTML 32Page - Microchip Technology 33FJ64GP310 Datasheet HTML 33Page - Microchip Technology 33FJ64GP310 Datasheet HTML 34Page - Microchip Technology 33FJ64GP310 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 29
dsPIC33F
Figure 8-4 is a block diagram of the DCI module. The
DCI can support up to 16 time slots in a data frame for
a maximum frame size of 256 bits. There are control
bits for each time slot in the data frame that determine
whether the DCI will transmit/receive during the time
slot. The DCI module supports DMA data transfers.
FIGURE 8-4:
DCI MODULE BLOCK DIAGRAM
8.8
SPI™ Module
The Serial Peripheral Interface (SPI) module is a
synchronous serial interface for communicating with
other peripheral or microcontroller devices such as
serial EEPROMs, shift registers, display drivers, A/D
Converters, etc. It is compatible with Motorola® SPI and
SIOP interfaces.
This SPI module includes all SPI modes. A Frame
Synchronization mode is also included for support of
voice band codecs.
Four pins make up the serial interface: SDI, Serial Data
Input; SDO, Serial Data Output; SCK, Shift Clock Input
or Output; SS, Active-Low Slave Select, which also
serves as the FSYNC (Frame Synchronization Pulse).
A device set up as an SPI master provides the serial
communication clock signal on its SCK pin.
A series of 8 or 16 clock pulses (depending on mode)
shift out the 8 or 16 bits (depending on whether a byte
or word is being transferred) and simultaneously shift in
8 or 16 bits of data from the SDI pin. An interrupt is
generated when the transfer is complete.
Slave select synchronization allows selective enabling
of SPI slave devices, which is particularly useful when
a single master is connected to multiple slaves.
The SPI1 and SPI2 modules support DMA data
transfers.
BCG Control Bits
Sample Rate
Generator
CSCKD
COFSD
DCI Buffer
Frame
Synchronization
Generator
Control Unit
DCI Shift Register
Receive Buffer
Registers w/Shadow
FOSC/4
Word Size Selection bits
Frame Length Selection bits
DCI Mode Selection bits
CSCK
COFS
CSDI
CSDO
15
0
Transmit Buffer
Registers w/Shadow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com