Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33FJ64GP310 Datasheet(PDF) 17 Page - Microchip Technology

Part # 33FJ64GP310
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP310 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 33FJ64GP310 Datasheet HTML 13Page - Microchip Technology 33FJ64GP310 Datasheet HTML 14Page - Microchip Technology 33FJ64GP310 Datasheet HTML 15Page - Microchip Technology 33FJ64GP310 Datasheet HTML 16Page - Microchip Technology 33FJ64GP310 Datasheet HTML 17Page - Microchip Technology 33FJ64GP310 Datasheet HTML 18Page - Microchip Technology 33FJ64GP310 Datasheet HTML 19Page - Microchip Technology 33FJ64GP310 Datasheet HTML 20Page - Microchip Technology 33FJ64GP310 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 15
dsPIC33F
4.0
DIRECT MEMORY ACCESS
Direct Memory Access (DMA) is a very efficient
mechanism of copying data between peripheral SFRs
(e.g., UART Receive register, Input Capture 1 buffer)
and buffers or variables stored in RAM with minimal
CPU
intervention.
The
DMA
Controller
can
automatically copy entire blocks of data, without the
user software having to read or write peripheral Special
Function Registers (SFRs) every time a peripheral
interrupt occurs. To exploit the DMA capability, the
corresponding user buffers or variables must be
located in DMA RAM space.
The DMA Controller features eight identical data
transfer channels, each with its own set of control and
status registers. The UART, SPI, DCI, Input Capture,
Output Compare, ECAN™ and A/D modules can utilize
DMA. Each DMA channel can be configured to copy
data either from buffers stored in DMA RAM to
peripheral SFRs or from peripheral SFRs to buffers in
DMA RAM.
Each channel supports the following features:
• Word or byte-sized data transfers
• Transfers from peripheral to DMA RAM or DMA
RAM to peripheral
• Indirect addressing of DMA RAM locations with or
without automatic post-increment
• Peripheral Indirect Addressing – In some
peripherals, the DMA RAM read/write addresses
may be partially derived from the peripheral
• One-Shot Block Transfers – Terminating DMA
transfer after one block transfer
• Continuous Block Transfers – Reloading DMA
RAM buffer start address after every block
transfer is complete
• Ping-Pong Mode – Switching between two DMA
RAM start addresses between successive block
transfers, thereby filling two buffers alternately
• Automatic or manual initiation of block transfers
• Each channel can select from 32 possible
sources of data sources or destinations
For each DMA channel, a DMA interrupt request is
generated
when
a
block
transfer
is
complete.
Alternatively, an interrupt can be generated when half of
the block has been filled. Additionally, a DMA error trap
is generated in either of the following Fault conditions:
• DMA RAM data write collision between the CPU
and a peripheral
• Peripheral SFR data write collision between the
CPU and the DMA Controller
FIGURE 4-1:
TOP LEVEL SYSTEM ARCHITECTURE USING A DEDICATED TRANSACTION BUS
CPU
SRAM
DMA RAM
CPU Peripheral DS Bus
Peripheral 3
DMA
Peripheral
Non-DMA
SRAM X-Bus
PORT 2
PORT 1
Peripheral 1
DMA
Ready
Peripheral 2
DMA
Ready
Ready
Ready
DMA DS Bus
CPU
DMA
CPU
DMA
CPU
DMA
Peripheral Indirect Address
Note: CPU and DMA address buses are not shown for clarity.
DMA Controller
Channels
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com