| Electronic Components Datasheet Search |
|
33FJ128MC708 Datasheet(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ128MC708 Datasheet(HTML) 34 Page - Microchip Technology |
|
34 / 90 page ![]() dsPIC33F DS70155C-page 32 Preliminary © 2005 Microchip Technology Inc. 9.0 dsPIC33F INSTRUCTION SET 9.1 Introduction The dsPIC33F instruction set provides a broad suite of instructions which supports traditional microcontroller applications, and a class of instructions which supports math-intensive applications. Since almost all of the functionality of the PICmicro® MCU instruction set has been maintained, this hybrid instruction set allows a friendly DSP migration path for users already familiar with the PICmicro microcontroller. 9.2 Instruction Set Overview The dsPIC33F instruction set contains 84 instructions which can be grouped into the ten functional categories shown in Table 9-1. Table 9-2 defines the symbols used in the instruction summary tables, Table 9-3 through Table 9-12. These tables define the syntax, description, storage and execution requirements for each instruction. Storage requirements are repre- sented in 24-bit instruction words and execution requirements are represented in instruction cycles. Most instructions have several different addressing modes and execution flows which require different instruction variants. For instance, there are six unique ADD instructions and each instruction variant has its own instruction encoding. TABLE 9-1: dsPIC33F INSTRUCTION GROUPS 9.2.1 MULTI-CYCLE INSTRUCTIONS As the instruction summary tables show, most instructions execute in a single cycle with the following exceptions: • Instructions DO, MOV.D, POP.D, PUSH.D, TBLRDH, TBLRDL, TBLWTH and TBLWTL require 2 cycles to execute. • Instructions DIVF, DIV.S, DIV.U are single- cycle instructions, which should be executed 18 consecutive times as the target REPEAT instruction. • Instructions that change the program counter also require 2 cycles to execute, with the extra cycle executed as a NOP. Skip instructions, which skip over a 2-word instruction, require 3 instruction cycles to execute with 2 cycles executed as a NOP . •The RETFIE, RETLW and RETURN are special cases of instructions that change the program counter. These execute in 3 cycles unless an exception is pending, and then they execute in 2 cycles. 9.2.2 MULTI-WORD INSTRUCTIONS As the instruction summary tables show, almost all instructions consume one instruction word (24 bits), with the exception of the CALL, DO and GOTO instructions, which are flow instructions listed in Table 9-9. These instructions require two words of memory because their opcodes embed large literal operands. Functional Group Summary Table Move Instructions Table 9-3 Math Instructions Table 9-4 Logic Instructions Table 9-5 Rotate/Shift Instructions Table 9-6 Bit Instructions Table 9-7 Compare/Skip Instructions Table 9-8 Program Flow Instructions Table 9-9 Shadow/Stack Instructions Table 9-10 Control Instructions Table 9-11 DSP Instructions Table 9-12 Note: Instructions that access program memory as data, using Program Space Visibility, incur some cycle count overhead. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |