| Electronic Components Datasheet Search |
|
33FJ128MC708 Datasheet(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
33FJ128MC708 Datasheet(HTML) 56 Page - Microchip Technology |
|
56 / 90 page ![]() dsPIC33F DS70155C-page 54 Preliminary © 2005 Microchip Technology Inc. 11.11 Symmetric Key Embedded Encryption Library Microchip offers a reliable security solution for embedded applications built on the dsPIC33F platform. This solution is provided by means of two libraries – Symmetric Key and Asymmetric Key Embedded Encryption Libraries. The Symmetric Key Library includes the following: • Hash functions - SHA-1 Secure Hash Standard - MD5 Message Digest • Symmetric Key Encryption/Decryption functions - Advanced Encryption Standard (AES) - Triple Data Encryption Standard (Triple-DES) • Random Number Generator functions - Deterministic Random Bit Generator ANSI X9.82 Some typical applications for this library include: • Mobile and Wireless Devices, PDAs • Secure Banking • Secure Web Transactions - Secure Socket Layer (SSL) - Transport Layer Security (TLS) - Secure Multipurpose Mail Extensions (S/MIME) • ZigBee™ Technology and other Monitoring and Control Applications • Smart Card Readers/Trusted Card Readers • Friend/Foe Identification • Secure devices and peripherals interoperating with TCG (Trusted Computing Group) and NGSCB (Microsoft Next Generation Secure Computing Base) personal computers Key features of the Symmetric Key Embedded Encryption Library include: • C-callable library functions developed in MPLAB ASM30 assembly language • Optimized for speed, code size and RAM usage - RAM usage below 60 bytes • Library functions extensively tested for adherence to applicable standards • Symmetric Key Encryption/Decryption functions support multiple modes of operation: - Electronic Code Book (ECB) mode - Cipher Block Chaining with Message Authentication (CBC-MAC) mode - Counter (CTR) mode - Combined CBC-MAC and CTR (CCM) mode • “dsPIC30F Embedded Encryption Libraries User’s Guide” • Several examples of use are provided for each library function 11.12 Asymmetric Key Embedded Encryption Library Microchip offers a reliable security solution for embedded applications built on the dsPIC33F platform. This solution is provided by means of two libraries – Symmetric Key and Asymmetric Key Embedded Encryption Libraries. The Asymmetric Key Library includes the following: • Public Key Encryption/Decryption functions - RSA (1024 and 2048-bit) • Key Agreement Protocol - Diffie-Hellman (1024 and 2048-bit) • Signing and Verification - DSA (1024-bit) - RSA (1024 and 2048-bit) • Hash functions - SHA-1 Secure Hash Standard - MD5 Message Digest • Random Number Generator functions - ANSI X9.82 Some typical applications for this library include: • Mobile and Wireless Devices, PDAs • Secure Banking • Secure Web Transactions - Secure Socket Layer (SSL) - Transport Layer Security (TLS) - Secure Multipurpose Mail Extensions (S/MIME) • ZigBee Technology and other Monitoring and Control Applications • Smart Card Readers/Trusted Card Readers • Friend/Foe Identification • Secure devices and peripherals interoperating with TCG (Trusted Computing Group) and NGSCB (Microsoft Next Generation Secure Computing Base) personal computers Key features of the Asymmetric Key Embedded Encryption Library include: • C-callable library functions developed in MPLAB ASM30 assembly language • Optimized for speed, code size and RAM usage - RAM usage below 100 bytes • Library functions extensively tested for adherence to applicable standards • “dsPIC30F Embedded Encryption Libraries User’s Guide” • Several examples of use are provided for each library function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |