Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196CB Datasheet(PDF) 11 Page - Intel Corporation

Part # 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 7Page - Intel Corporation 87C196CB Datasheet HTML 8Page - Intel Corporation 87C196CB Datasheet HTML 9Page - Intel Corporation 87C196CB Datasheet HTML 10Page - Intel Corporation 87C196CB Datasheet HTML 11Page - Intel Corporation 87C196CB Datasheet HTML 12Page - Intel Corporation 87C196CB Datasheet HTML 13Page - Intel Corporation 87C196CB Datasheet HTML 14Page - Intel Corporation 87C196CB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Production Datasheet
7
87C196CB - Automotive
P5.5/BHE#/WRH#
Byte High Enable or Write High output, as selected by the CCR. BHE# = 0 selects the
bank of memory that is connected to the high byte of the data bus. A0 = 0 selects the
bank of memory that is connected to the low byte. Thus accesses to a 16-bit wide
memory can be to the low byte only (A0 = 0, BHE# = 1), to the high byte only (A0 = 1,
BHE# = 0) or both bytes (A0 = 0, BHE# = 0). If the WRH# function is selected, the pin
goes low if the bus cycle is writing to an odd memory location. BHE#/WRH# is only valid
during 16-bit external. Also an LSIO pin when not BHE/WRH#.
P5.4/SLPINT
Dual-function I/O pin. As a bidirectional port pin or as a system function. The system
function is a Slave Port Interrupt Output Pin.
P5.3/RD#
Read signal output to external memory. RD# is active only during external memory reads
or LSIO when not used as RD#.
P5.2/WR#/WRL#
Write and Write Low output to external memory, as selected by the CCR, WR# goes low
for every external write, while WRL# goes low only for external writes where an even
byte is being written. WR#/WRL# is active during external memory writes. Also an LSIO
pin when not used as WR#/WRL#.
P5.1/INST
Output high during an external memory read indicates the read is an instruction fetch.
INST is valid throughout the bus cycle. INST is active only during external memory
fetches, during internal EPROM fetches INST is held low. Also LSIO when not INST.
P5.0/ALE/ADV#
Address Latch Enable or Address Valid output, as selected by CCR. Both pin options
provide a latch to demultiplex the address from the address/data bus. When the pin is
ADV#, it goes inactive (high) at the end of the bus cycle. ADV# can be used as a chip
select for external memory. ALE/ADV# is active only during external memory accesses.
Also LSIO when not used as ALE.
PORT3 and 4
8-bit bidirectional I/O ports with open drain outputs. These pins are shared with the
multiplexed address/data bus which has strong internal pullups.
P2.7/CLKOUT
Output of the internal clock generator. The frequency is the oscillator frequency.
CLKOUT has a 50% duty cycle. Also LSIO pin when not used as CLKOUT.
P2.6/HLDA#
Bus Hold Acknowledge. Active-low output indicates that the bus controller has
relinquished control of the bus. Occurs in response to an external device asserting the
HLD# signal. Also LSIO when not used as HLDA#.
P2.5/HLD#
Bus Hold. Active-low signal indicates that an external device is requesting control of the
bus. Also LSIO when not used as HLD#.
P2.4/INTOUT#
Interrupt Output. This active-low output indicates that a pending interrupt requires use of
the external bus. Also LSIO when not used as INTOUT#.
P2.3/BREQ#
Bus Request. This active-low output signal is asserted during a HOLD cycle when the bus
controller has a pending external memory cycle. Also LSIO when not used as BREQ#.
P2.2/EXTINT
A positive transition on this pin causes a maskable interrupt vector through memory
location 203CH. Also LSIO when not used as EXTINT.
P2.1/RXD
Receive data input pin for the Serial I/O port. Also LSIO if not used as RXD.
P2.0/TXD
Transmit data output pin for the Serial I/O port. Also LSIO if not used as TXD.
PORT 1/EPA0–7
Dual-function I/O port pins. Primary function is that of bidirectional I/O. System function is
that of High Speed capture and compare. EPA0 and EPA2 have another function of
T2CLK and T2DIR of the TIMER2 timer/counter.
PORT 0/ACH0–7
8-bit high impedance input-only port. These pins can be used as digital inputs and/or as
analog inputs to the on-chip A/D converter. These pins are also used as inputs to
EPROM parts to select the Programming Mode.
EPORT
8-bit bidirectional standard and I/O Port. These bits are shared with the extended
address bus, A16–A19 for CB PLCC, A16–A23 for CB QFP. Pin function is selected on a
per pin basis.
TXCAN
Push-pull output to the CAN bus line.
RXCAN
High impedance input-only from the CAN bus line.
Table 3. Pin Descriptions (Sheet 2 of 2)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com