Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196CB Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196CB
Description  20 MHz Advanced 16-Bit CHMOS Microcontroller with Integrated CAN 2.0
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196CB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196CB Datasheet HTML 17Page - Intel Corporation 87C196CB Datasheet HTML 18Page - Intel Corporation 87C196CB Datasheet HTML 19Page - Intel Corporation 87C196CB Datasheet HTML 20Page - Intel Corporation 87C196CB Datasheet HTML 21Page - Intel Corporation 87C196CB Datasheet HTML 22Page - Intel Corporation 87C196CB Datasheet HTML 23Page - Intel Corporation 87C196CB Datasheet HTML 24Page - Intel Corporation 87C196CB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Production Datasheet
17
87C196CB - Automotive
5.2.4
87C196CB - Automotive Timings
Table 8. 8xC196CB HOLD#/HOLDA# Timings (Over Specified Operation Conditions)
Symbol
Parameter
Min
Max
Units
THVCH
HOLD Setup Time
65
ns (1)
TCLHAL
CLKOUT Low to HLDA Low
–15
15
ns
TCLBRL
CLKOUT Low to BREQ Low
–15
15
ns
T
HLDA Low to Address Float
20
ns
T
HLDA Low to BHE#, INST, RD#, WR# Weakly Driven
25
ns
T
CLKOUT Low to HLDA High
–15
15
ns
T
CLKOUT Low to BREQ High
–25
25
ns
T
HLDA High to Address No Longer Float
–15
ns
T
HLDA High to BHE#, INST, RD#, WR# Valid
–10
15
ns
NOTE:
1. To guarantee recognition at next clock.
Figure 10. 87C196CB HOLD#/HOLDA# Timings
A5848-01
CLKOUT
HOLD#
HOLDA#
BREQ#
BUS
BHE#, INST,
RD#, WR#
ALE
TCHLH
TCLHAH
TCLBRH
THAHAX
THAHAX
THALBZ
THALAZ
TCLBRL
TCLHAL
THVCH
THVCH
TOSC
Hold Latency
AZHAL
BZHAL
CLHAH
CLBRH
HAHAX
HAHBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com