Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87C196CB20F8 Datasheet(PDF) 29 Page - Intel Corporation

Part # AS87C196CB20F8
Description  16-Bit CHMOS Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20F8 Datasheet(HTML) 29 Page - Intel Corporation

Back Button AS87C196CB20F8 Datasheet HTML 25Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 26Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 27Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 28Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 29Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 30Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 31Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 32Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Automotive —
87C196KR, JV, JT, JR, CA Microcontrollers
Datasheet
29
Figure 19. Slave Port Waveform (SLPL = 1)
Table 16. Slave Port Timing–(SLPL = 1) (See notes 1, 2, 3)
Symbol
Parameter
Min
Max
Units
TSELLL
CS# Low to ALE Low
20
ns
TSRHEH
RD# or WR# High to CS# High
60
ns
TSLLRL
ALE Low to RD# Low
TOSC
ns
TSRLRH
RD# Low Period
TOSC
ns
TSWLWH
WR# Low Period
TOSC
ns
TSAVLL
Address Valid to ALE Low
20
ns
TSLLAX
ALE Low to Address Invalid
20
ns
TSRLDV
RD# Low to Output Data Valid
60
ns
TSDVWH
Input Data Setup to WR# High
20
ns
TSWHQX
WR# High to Data Invalid
30
ns
TSRHDZ
RD# High to Data Float
15
ns
NOTES:
1. Test conditions: FOSC =16MHz, TOSC = 60 ns, Rise/Fall Time = 10 ns. Capacitive Pin Load = 100 pF.
2. These values are not tested in production, and are based upon theoretical estimates and/or laboratory
tests.
3. Specifications above are advanced information and are subject to change.
A5884-01
CS#
ALE
RD#
P3
WR#
TSWLWH
TSAVLL
TSRLDV
TSRHEH
TSELLL
TSLLRL
TSRLRH
TSDVWH
TSWHQX
TSRHDZ
TSLLAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com