Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87C196CB20F8 Datasheet(PDF) 5 Page - Intel Corporation

Part # AS87C196CB20F8
Description  16-Bit CHMOS Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87C196CB20F8 Datasheet(HTML) 5 Page - Intel Corporation

  AS87C196CB20F8 Datasheet HTML 1Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 2Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 3Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 4Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 5Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 6Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 7Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 8Page - Intel Corporation AS87C196CB20F8 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Automotive —
87C196KR, JV, JT, JR, CA Microcontrollers
Datasheet
5
1.0
Introduction
The MCS 96 microcontroller family members are all high performance microcontrollers with a 16-
bit CPU.
The 87C196Kx and Jx family members are composed of the high-speed (16 MHz) core as well as
the following peripherals:
• Up to 48 Kbytes of Programmable EPROM
• Up to 1.5 Kbytes of register RAM and 512 bytes of code RAM (16-bit addressing modes) with
the ability to execute from this RAM space
• Up to eight channels–10-Bit/ ± 3 LSB analog to digital converter with programmable S/H
times with conversion times < 5 µs at 16 MHz
• An asynchronous/synchronous serial I/O port (8096 compatible) with a dedicated 16-bit baud
rate generator
• Interprocessor communication slave port
• Synchronous serial I/O port with full duplex master/slave transceivers
• A flexible timer/counter structure with prescaler, cascading, and quadrature capabilities
• Up to ten modularized multiplexed high speed I/O for capture and compare (called Event
Processor Array) with 250 ns resolution and double buffered inputs
• A sophisticated prioritized interrupt structure with programmable Peripheral Transaction
Server (PTS). The PTS has several channel modes, including single/burst block transfers from
any memory location to any memory location, a PWM and PWM toggle mode to be used in
conjunction with the EPA, and an A/D scan mode.
• Serial communications protocol CAN 2.0 with 15 message objects of 8 bytes data length (CA
only)
The 87C196KR, JV, JT, JR, and CA devices represent the fourth generation of MCS
® 96
microcontroller products implemented on Intel’s advanced 1 micron process technology. These
products are based on the 80C196KB device with improvements for automotive applications. The
instruction set is a true super set of 80C196KB. The 87C196JR, JT, and JV are 52-pin versions of
the 87C196KR device.
The 87C196JV and JT devices are memory scalars of the 87C196JR and are designed for strict
functional and electrical compatibility. The JT has 32 Kbytes of on-chip EPROM, 1.0 Kbytes of
Register RAM and 512 bytes of Code RAM. The JV has 48 Kbytes of on-chip EPROM, 1.5 Kbytes
of Register RAM and 512 bytes of Code RAM.
The 87C196CA device is a memory scalar of the 87C196KR in a 68-pin package with 32 Kbytes of
on-chip EPROM, 1.0 Kbytes of register RAM, and 256 bytes of code RAM. In addition, the CA
contains an extra peripheral for serial communications protocol CAN 2.0.
Table 1 summarizes the features of the 87C196Kx, Jx, and CA devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com