Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FV80503CSM66166 Datasheet(PDF) 13 Page - Intel Corporation

Part # FV80503CSM66166
Description  Low-Power Embedded Pentium짰 Processor with MMX??Technology
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FV80503CSM66166 Datasheet(HTML) 13 Page - Intel Corporation

Back Button FV80503CSM66166 Datasheet HTML 9Page - Intel Corporation FV80503CSM66166 Datasheet HTML 10Page - Intel Corporation FV80503CSM66166 Datasheet HTML 11Page - Intel Corporation FV80503CSM66166 Datasheet HTML 12Page - Intel Corporation FV80503CSM66166 Datasheet HTML 13Page - Intel Corporation FV80503CSM66166 Datasheet HTML 14Page - Intel Corporation FV80503CSM66166 Datasheet HTML 15Page - Intel Corporation FV80503CSM66166 Datasheet HTML 16Page - Intel Corporation FV80503CSM66166 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Low-Power Embedded Pentium® Processor with MMX™ Technology
Datasheet
13
2.2.2
16-Kbyte Code and Data Caches
On-chip level-1 data and code cache sizes are 16 Kbytes each and are 4-way set associative on the
Pentium processor with MMX technology. Large separate internal caches improve performance by
reducing average memory access time and providing fast access to recently-used instructions and
data. The instruction and data caches can be accessed simultaneously while the data cache supports
two data references simultaneously. The data cache supports a write-back (or alternatively, write-
through, on a line-by-line basis) policy for memory updates.
2.2.3
Improved Branch Prediction
Dynamic branch prediction uses the Branch Target Buffer (BTB) to boost performance by
predicting the most likely set of instructions to be executed. The BTB has been improved on the
Pentium processor with MMX technology to increase its accuracy. This processor has four prefetch
buffers that can hold up to four successive code streams.
2.2.4
Enhanced Pipeline
An additional pipeline stage has been added and the pipeline has been enhanced to improve
performance. The integration of the MMX technology pipeline with the integer pipeline is very
similar to that of the floating-point pipeline. Under some circumstances, two MMX instructions or
one integer and one MMX instruction can be paired and issued in one clock cycle to increase
throughput. The enhanced pipeline is described in more detail in the Embedded Pentium
®
Processor Family Developer’s Manual (order number 273204).
2.2.5
Deeper Write Buffers
A pool of four write buffers is now shared between the dual pipelines to improve memory write
performance.
2.3
0.25 Micron Technology
The 0.25 micron technology is the state-of-the-art CMOS manufacturing process Intel unveiled on
April 12, 1997, enabling the use of lower core supply to sub-2 V. As a result, the low-power
embedded Pentium processor with MMX technology consumes significantly less power at even
higher speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com