Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FV80503CSM66166 Datasheet(PDF) 49 Page - Intel Corporation

Part # FV80503CSM66166
Description  Low-Power Embedded Pentium짰 Processor with MMX??Technology
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FV80503CSM66166 Datasheet(HTML) 49 Page - Intel Corporation

Back Button FV80503CSM66166 Datasheet HTML 45Page - Intel Corporation FV80503CSM66166 Datasheet HTML 46Page - Intel Corporation FV80503CSM66166 Datasheet HTML 47Page - Intel Corporation FV80503CSM66166 Datasheet HTML 48Page - Intel Corporation FV80503CSM66166 Datasheet HTML 49Page - Intel Corporation FV80503CSM66166 Datasheet HTML 50Page - Intel Corporation FV80503CSM66166 Datasheet HTML 51Page - Intel Corporation FV80503CSM66166 Datasheet HTML 52Page - Intel Corporation FV80503CSM66166 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Low-Power Embedded Pentium® Processor with MMX™ Technology
Datasheet
49
t40
Reset Configuration
Signals (INIT, FLUSH#)
Setup Time
5.0
ns
17
(7, 8, 10)
t41
Reset Configuration
Signals (INIT, FLUSH#)
Hold Time
1.0
ns
17
(9)
t42a
Reset Configuration
Signals (INIT, FLUSH#)
Setup Time, Async.
2.0
CLKs
17
To RESET falling edge, (8)
t42b
Reset Configuration
Signals (INIT, FLUSH#)
Setup Time, Async.
2.0
CLKs
17
To RESET falling edge
t43a
BF2–BF0 Setup Time
1.0
mS
17
To RESET falling edge,
(10)
t43b
BF2–BF0 Hold Time
2.0
CLKs
17
To RESET falling edge,
(12)
t43c
APICEN, BE4# Setup
Time
2.0
CLKs
17
To RESET falling edge
t43d
APICEN, BE4# Hold
Time
2.0
CLKs
17
To RESET falling edge
t44
TCK Frequency
—
16.0
MHz
t45
TCK Period
62.5
ns
13
t46
TCK High Time
25.0
ns
13
@VCC3 –0.7 V, (2)
t47
TCK Low Time
25.0
ns
13
@0.5 V, (2)
t48
TCK Fall Time
5.0
ns
13
VCC3 –0.7 V to 0.5 V
(2, 13, 14)
t49
TCK Rise Time
5.0
ns
13
0.5 V to VCC3 –0.7 V,
(2, 13, 14)
t50
TRST# Pulse Width
40.0
ns
19
Asynchronous, (2)
t51
TDI, TMS Setup Time
5.0
ns
19
(15)
t52
TDI, TMS Hold Time
13.0
ns
19
(15)
t53
TDO Valid Delay
3.0
20.0
ns
19
(13)
t54
TDO Float Delay
25.0
ns
19
(2, 13)
t55
All Non-Test Outputs
Valid Delay
3.0
20.0
ns
19
(13, 16, 17)
t56
All Non-Test Outputs
Float Delay
25.0
ns
19
(2, 13, 16, 17)
t57
All Non-Test Inputs
Setup Time
5.0
ns
19
(15, 16, 17)
t58
All Non-Test Inputs Hold
Time
13.0
ns
19
(15, 16, 17)
Table 23. Low-Power Embedded Pentium® Processor
with MMX™ Technology AC Specifications (Sheet 3 of 3)
(See Table 18 for VCC and TCASE assumptions.)
Symbol
Parameter
Min
Max
Unit
Figure
Notes (see Table 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com