| Electronic Components Datasheet Search |
|
GD82541PI Datasheet(PDF) 14 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
GD82541PI Datasheet(HTML) 14 Page - Intel Corporation |
|
14 / 46 page ![]() 82541(PI/GI/EI) — Networking Silicon 14 3.2.5 Error Reporting Signals (2) 3.2.6 Power Management Signals (3) 3.2.7 SMB Signals (3) Note: If the SMB is disconnected, then an external pull-up resistor should be used for these pins. Symbol Type Name and Function SERR# OD System Error. The System Error signal is used by the 82541(PI/GI/EI) controller to report address parity errors. SERR# is open drain and is actively driven for a single PCI clock when reporting the error. PERR# STS Parity Error. The Parity Error signal is used by the 82541(PI/GI/EI) controller to report data parity errors during all PCI transactions except by a Special Cycle. PERR# is sustained tri-state and must be driven active by the 82541(PI/GI/EI) controller two data clocks after a data parity error is detected. The minimum duration of PERR# is one clock for each data phase a data parity error is present. Symbol Type Name and Function LAN_ PWR_GOOD I Power Good (Power-on Reset). The LAN_PWR_GOOD signal is used to indicate that stable power is available for the 82541(PI/GI/EI). When the signal is low, the 82541(PI/GI/EI) holds itself in reset state and floats all PCI signals. PME# OD Power Management Event. The 82541(PI/GI/EI) device drives this signal low when it receives a wake-up event and either the PME Enable bit in the Power Management Control/Status Register or the Advanced Power Management Enable (APME) bit of the Wake-up Control Register (WUC) is 1b. AUX_PWR I Auxiliary Power. If the Auxiliary Power signal is high, then auxiliary power is available and the 82541(PI/GI/EI) device should support the D3cold power state. Symbol Type Name and Function SMBCLK TS OD SMB Clock. The SMB Clock signal is an open drain signal for serial SMB interface. SMBDATA TS OD SMB Data. The SMB Data signal is an open drain signal for serial SMB interface. SMB_ALERT#/ LAN_PWR_ GOOD TS OD Multiplexed pin: SMB Alert, LAN Power Good. The SMB_ALERT# signal is open drain for serial SMB interface. The signal acts as an interrupt pin of a slave device on the SMBUS in TCO mode. (82559 mode). In ASF mode, this signal acts as LAN_PWR_GOOD input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |