Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDI7100BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADDI7100BCPZ
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADDI7100BCPZ Datasheet HTML 6Page - Analog Devices ADDI7100BCPZ Datasheet HTML 7Page - Analog Devices ADDI7100BCPZ Datasheet HTML 8Page - Analog Devices ADDI7100BCPZ Datasheet HTML 9Page - Analog Devices ADDI7100BCPZ Datasheet HTML 10Page - Analog Devices ADDI7100BCPZ Datasheet HTML 11Page - Analog Devices ADDI7100BCPZ Datasheet HTML 12Page - Analog Devices ADDI7100BCPZ Datasheet HTML 13Page - Analog Devices ADDI7100BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADDI7100
Rev. C | Page 10 of 20
EQUIVALENT INPUT CIRCUITS
DVDD
DVSS
330Ω
INPUT
Figure 9. Digital Inputs
SHP, SHD, DATACLK, CLPOB, PBLK, SCK, SL, SDATA, and VD
DRVDD
DRVSS
THREE-
STATE
DATA
D[0:11]
DVSS
DVDD
Figure 10. Data Outputs
AVDD
AVSS
60Ω
AVSS
Figure 11. CCDIN (Pin 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com