Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8314EVRAFDA Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8314EVRAFDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314EVRAFDA Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8314EVRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8314EVRAFDA Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
80
Freescale Semiconductor
Package and Pin Listings
PCI_AD[23]
C22
I/O
NVDD2_OFF
—
PCI_AD[24]
E19
I/O
NVDD2_OFF
—
PCI_AD[25]
A22
I/O
NVDD2_OFF
—
PCI_AD[26]
C20
I/O
NVDD2_OFF
—
PCI_AD[27]
B21
I/O
NVDD2_OFF
—
PCI_AD[28]
D19
I/O
NVDD2_OFF
—
PCI_AD[29]
A19
I/O
NVDD2_OFF
—
PCI_AD[30]
A21
I/O
NVDD2_OFF
—
PCI_AD[31]
B19
I/O
NVDD2_OFF
—
PCI_C/BE[0]
H24
I/O
NVDD2_OFF
—
PCI_C/BE[1]
C27
I/O
NVDD2_OFF
—
PCI_C/BE[2]
A25
I/O
NVDD2_OFF
—
PCI_C/BE[3]
E21
I/O
NVDD2_OFF
—
PCI_PAR
G24
I/O
NVDD2_OFF
—
PCI_FRAME
C28
I/O
NVDD2_OFF
5
PCI_TRDY
A24
I/O
NVDD2_OFF
5
PCI_IRDY
D25
I/O
NVDD2_OFF
5
PCI_STOP
D23
I/O
NVDD2_OFF
5
PCI_DEVSEL
E22
I/O
NVDD2_OFF
5
PCI_IDSEL
D26
I
NVDD2_OFF
—
PCI_SERR
C25
I/O
NVDD2_OFF
5
PCI_PERR
D21
I/O
NVDD2_OFF
5
PCI_REQ0
E18
I/O
NVDD2_OFF
—
PCI_REQ1/CPCI_HS_ES
C18
I
NVDD2_OFF
—
PCI_REQ2
E17
I
NVDD2_OFF
—
PCI_GNT0
B20
I/O
NVDD2_OFF
—
PCI_GNT1/CPCI_HS_LED
D17
O
NVDD2_OFF
—
PCI_GNT2/CPCI_HS_ENUM
E15
O
NVDD2_OFF
—
M66EN
L24
I
NVDD2_OFF
—
PCI_CLK0
E23
O
NVDD2_OFF
—
PCI_CLK1
F24
O
NVDD2_OFF
—
PCI_CLK2
E25
O
NVDD2_OFF
—
PCI_PME
B23
I/O
NVDD2_OFF
2
ETSEC1/_USBULPI
GPIO_24/TSEC1_COL/USBDR_TXDRXD0
J1
I/O
LVDD1_OFF
—
GPIO_25/TSEC1_CRS/USBDR_TXDRXD1
H1
I/O
LVDD1_OFF
—
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com