Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8314CVRAGDA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8314CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314CVRAGDA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8314CVRAGDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8314CVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
© Freescale Semiconductor, Inc., 2011. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document provides an overview of the MPC8314E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
MPC8314E contains a core built on Power Architecture™
technology. It is a cost-effective, low-power, highly
integrated host processor that addresses the requirements of
several storage, consumer, and industrial applications,
including main CPUs and I/O processors in network attached
storage (NAS), voice over IP (VoIP) router/gateway,
intelligent wireless LAN (WLAN), set top boxes, industrial
controllers, and wireless access points. The MPC8314E
extends the PowerQUICC II Pro family, adding higher CPU
performance, new functionality, and faster interfaces while
addressing the requirements related to time-to-market, price,
power consumption, and package size. Note that while the
MPC8314E supports a security engine, the MPC8314 does
not.
Document Number: MPC8314EEC
Rev. 2, 11/2011
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. MPC8314E Features . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 7
4. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 12
5. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
6. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 15
7. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 16
8. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
9. Ethernet: Three-Speed Ethernet, MII Management . 22
10. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
11. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 49
16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
17. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
18. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
19. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
20. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
21. TDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
22. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 72
23. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
24. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
25. System Design Information . . . . . . . . . . . . . . . . . . . 95
26. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 98
27. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
MPC8314E
PowerQUICC II Pro Processor
Hardware Specifications


Similar Part No. - MPC8314CVRAGDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313CVRAFD FREESCALE-MPC8313CVRAFD Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFDA FREESCALE-MPC8313CVRAFDA Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFDB FREESCALE-MPC8313CVRAFDB Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFF FREESCALE-MPC8313CVRAFF Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFF FREESCALE-MPC8313CVRAFF Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8314CVRAGDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E_08 Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com