Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF5168 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8AF5168
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5168 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8AF5168 Datasheet HTML 46Page - STMicroelectronics STM8AF5168 Datasheet HTML 47Page - STMicroelectronics STM8AF5168 Datasheet HTML 48Page - STMicroelectronics STM8AF5168 Datasheet HTML 49Page - STMicroelectronics STM8AF5168 Datasheet HTML 50Page - STMicroelectronics STM8AF5168 Datasheet HTML 51Page - STMicroelectronics STM8AF5168 Datasheet HTML 52Page - STMicroelectronics STM8AF5168 Datasheet HTML 53Page - STMicroelectronics STM8AF5168 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
Interrupt table
STM8AF52/62xx, STM8AF51/61xx
50/110
Doc ID 14395 Rev 9
8
Interrupt table
Table 19.
STM8A interrupt table(1)
Priority
Source block
Description
Interrupt vector
address
Wakeup
from Halt
Comments
Reset
Reset
0x00 6000
Yes
Reset vector in ROM
TRAP
SW interrupt
0x00 8004
0
TLI
External top level interrupt
0x00 8008
1
AWU
Auto-wakeup from Halt
0x00 800C
Yes
2
Clock
controller
Main clock controller
0x00 8010
3
MISC
External interrupt E0
0x00 8014
Yes
Port A interrupts
4
MISC
External interrupt E1
0x00 8018
Yes
Port B interrupts
5
MISC
External interrupt E2
0x00 801C
Yes
Port C interrupts
6
MISC
External interrupt E3
0x00 8020
Yes
Port D interrupts
7
MISC
External interrupt E4
0x00 8024
Yes
Port E interrupts
8
CAN
CAN interrupt Rx
0x00 8028
Yes
9
CAN
CAN interrupt TX/ER/SC
0x00 802C
10
SPI
End of transfer
0x00 8030
Yes
11
Timer 1
Update/overflow/
trigger/break
0x00 8034
12
Timer 1
Capture/compare
0x00 8038
13
Timer 2
Update/overflow
0x00 803C
14
Timer 2
Capture/compare
0x00 8040
15
Timer 3
Update/overflow
0x00 8044
16
Timer 3
Capture/compare
0x00 8048
17
USART
Tx complete
0x00 804C
18
USART
Receive data full reg.
0x00 8050
19
I2C
I2C interrupts
0x00 8054
Yes
20
LINUART
Tx complete/error
0x00 8058
21
LINUART
Receive data full reg.
0x00 805C
22
ADC
End of conversion
0x00 8060
23
Timer 4
Update/overflow
0x00 8064
24
EEPROM
End of programming/
write in not allowed area
0x00 8068
1.
All unused interrupts must be initialized with ‘IRET’ for robust programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com