Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055C473MAT4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08055C473MAT4A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055C473MAT4A Datasheet(HTML) 4 Page - AVX Corporation

  08055C473MAT4A Datasheet HTML 1Page - AVX Corporation 08055C473MAT4A Datasheet HTML 2Page - AVX Corporation 08055C473MAT4A Datasheet HTML 3Page - AVX Corporation 08055C473MAT4A Datasheet HTML 4Page - AVX Corporation 08055C473MAT4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20
X7R Dielectric
Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
JJJJJJ
M
2200
JJJJJJ
M
3300
JJJJJJ
M
4700
JJJJJJ
M
6800
JJJJJJ
M
Cap
0.010
JJJJJJ
M
KKKK
M
M
X
X
X
M
P
(μF
0.015
JJJJJJ
P
K
K
K
P
M
M
X
X
X
M
P
0.022
JJJJJJ
Q
K
K
K
P
M
M
X
X
X
M
P
0.033
JJJJJJ
Q
K
K
K
X
M
M
X
X
X
M
P
0.047
JJJJJJ
K
K
K
Z
M
M
X
X
X
M
P
0.068
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.10
JJJJJ
M
K
K
K
Z
M
M
X
X
X
M
P
0.15
JJJJ
M
Z
K
K
P
M
M
X
X
X
M
P
0.22
JJJJ
P
Z
K
K
P
M
M
X
X
X
M
P
0.33
JJJJ
Q
K
M
X
M
M
X
X
X
M
P
0.47
MMMM
Q
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
X
M
Q
M
P
X
X
M
P
1.0
N
N
P
X
ZM
XM
P
X
X
M
P
1.5
N
N
ZZZ
ZZ
M
X
X
M
X
2.2
XXZZZ
ZZ
XX
M
3.3
XXZZ
Z
X
Z
4.7
XXZZ
Z
X
Z
10
Z
Z
Z*
Z
22
Z*
Z*
Z
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t
*Optional Specifications – Contact factory



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com