Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055C473MAT4A Datasheet(PDF) 1 Page - AVX Corporation

Part # 08055C473MAT4A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055C473MAT4A Datasheet(HTML) 1 Page - AVX Corporation

  08055C473MAT4A Datasheet HTML 1Page - AVX Corporation 08055C473MAT4A Datasheet HTML 2Page - AVX Corporation 08055C473MAT4A Datasheet HTML 3Page - AVX Corporation 08055C473MAT4A Datasheet HTML 4Page - AVX Corporation 08055C473MAT4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
17
X7R Dielectric
General Specifications
X7R formulations are called “temperature stable” ceramics and
fall into EIA Class II materials. X7R is the most popular of these
intermediate dielectric constant materials. Its temperature varia-
tion of capacitance is within ±15% from -55°C to +125°C. This
capacitance change is non-linear.
Capacitance for X7R varies under the influence of electrical op-
erating conditions such as voltage and frequency.
X7R dielectric chip usage covers the broad spectrum of
industrial applications where known changes in capacitance
due to applied voltages are acceptable.
PART NUMBER (see page 2 for complete part number explanation)
10
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature
°C
X7R Dielectric�
Typical Temperature Coefficient
5
0
-5
-10
-15
-20
-25
+10
+20
+30
0
-10
-20
-30
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
0
0
20
120
40
60
80
Temperature
°C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value�
Impedance vs. Frequency�
1,000 pF vs. 10,000 pF - X7R�
0805�
�
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
100,000 pF - X7R�
�
�
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size�
Impedance vs. Frequency�
10,000 pF - X7R�
�
�
0.1
.01
1.0
1206
0805
10
1210
0805
Size
(L" x W")
5
Voltage
4V = 4
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
C
Dielectric
X7R = C
103
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
J = ± 5%*
K = ±10%
M = ± 20%
*≤1μF only,
contact factory for
additional values
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory For
Multiples
A
Special
Code
A = Std.
Product
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated*
Z = FLEXITERM®**
A
Failure
Rate
A = Not
Applicable
*Optional termination
**See FLEXITERM®
X7R section
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 08055C473MAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055C471JAZ2A AVX-08055C471JAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
08055C471KAT2A AVX-08055C471KAT2A Datasheet
131Kb / 4P
X7R Dielectric
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
X7R Dielectric General Specifications
logo
Texas Instruments
08055C474KAT2A TI-08055C474KAT2A Datasheet
1Mb / 14P
XTR111 Demonstration Fixture Users Guide
Revised April 2013
logo
AVX Corporation
08055C474KAZ2A AVX-08055C474KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
More results

Similar Description - 08055C473MAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com