Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1827 Datasheet(PDF) 21 Page - International Rectifier

Part # IP1827
Description  Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1827 Datasheet(HTML) 21 Page - International Rectifier

Back Button IP1827 Datasheet HTML 17Page - International Rectifier IP1827 Datasheet HTML 18Page - International Rectifier IP1827 Datasheet HTML 19Page - International Rectifier IP1827 Datasheet HTML 20Page - International Rectifier IP1827 Datasheet HTML 21Page - International Rectifier IP1827 Datasheet HTML 22Page - International Rectifier IP1827 Datasheet HTML 23Page - International Rectifier IP1827 Datasheet HTML 24Page - International Rectifier IP1827 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
iP1827
Highly Integrated 25A Single‐input Voltage, 
Synchronous Buck Regulator 
March 5, 2012   |   V1.4 
21
97599
OUTPUT CAPACITOR SELECTION 
The voltage ripple and transient requirements determine 
the output capacitors type and values. The criteria are 
normally based on the value of the Effective Series 
Resistance (ESR). However the actual capacitance value 
and the Equivalent Series Inductance (ESL) are other 
contributing components. These components can be 
described as: 
(15)
*
*
8
*
*
)
(
)
(
)
(
)
(
)
(
)
(
s
o
L
C
o
o
in
ESL
o
L
ESR
o
C
o
ESL
o
ESR
o
o
F
C
I
V
ESL
L
V
V
V
ESR
I
V
V
V
V
V
 
ΔV0 = Output Voltage Ripple
ΔIL = Inductor Ripple Current
 
Since the output capacitor has a major role in the overall 
performance of the converter and determines the result of 
transient response, selection of the capacitor is critical. 
The iP1827 can perform well with all types of capacitors. 
As a rule, the capacitor must have low enough ESR to meet 
output ripple and load transient requirements. 
The goal for this design is to meet the voltage ripple 
requirement in the smallest possible capacitor size. 
Therefore it is advisable to select ceramic capacitors due  
to their low ESR and ESL and small size. Fifteen of the 
Panasonic ECJ‐2FB0J226ML (22uF, 6.3V, 3mOhm) 
capacitors are a good choice. 
FEEDBACK COMPENSATION 
The iP1827 is a voltage mode controller. The control loop is 
a single voltage feedback path including error amplifier 
and error comparator. To achieve fast transient response 
and accurate output regulation, a compensation circuit is 
necessary. The goal of the compensation network is to 
provide an open‐loop transfer function with the highest  
0 dB crossing frequency and adequate phase margin 
(greater than 45
o). 
The output LC filter introduces a double pole, ‐40dB/ 
decade gain slope above its corner resonant frequency, 
and a total phase lag of 180
o (see Figure 16). The resonant 
frequency of the LC filter is expressed as follows: 
(16)
2
1
o
o
LC
C
L
F
 
Figure 17 shows gain and phase of the LC filter. Since we 
already have 180
o phase shift from the output filter alone, 
the system runs the risk of being unstable. 
FLC
Frequency
-40dB/decade
0dB
Gain
Phase
-90
°
-180
°
FLC
Frequency
0dB
 
 Figure 17: Gain and Phase of LC filter 
The iP1827 uses a voltage‐type error amplifier with  
high‐gain (110dB) and wide‐bandwidth. The output of  
the amplifier is available for DC gain control and AC phase 
compensation. 
The error amplifier can be compensated either in type II  
or type III compensation.  
Local feedback with Type II compensation is shown in 
Figure 18.  
This method requires that the output capacitor should 
have enough ESR to satisfy stability requirements.  
In general the output capacitor’s ESR generates a zero 
typically at 5kHz to 50kHz which is essential for an 
acceptable phase margin. 
The ESR zero of the output capacitor is expressed as 
follows: 
(17)
2
1
o
ESR
*ESR*C
F
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com