Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX1002 Datasheet(PDF) 29 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 29 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 25Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 28Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 29Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 30Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 31Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 32Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Rev 13.0
29
PD-97659
IR3842WMPbF
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect
noise pickup and can cause a good design to
perform with less than expected results.
Make all the connections for the power
components in the top layer with wide, copper
filled areas or polygons. In general, it is desirable
to make proper use of power planes and
polygons
for
power distribution and heat
dissipation.
The inductor, output capacitors and the IR3842W
should be as close to each other as possible.
This helps to reduce the EMI radiated by the
power traces due to the high switching currents
through them. Place the input capacitor directly at
the Vin pin of IR3842W.
The feedback part of the system should be kept
away from the inductor and other noise sources.
The critical
bypass components such as
capacitors for Vcc should be close to their
respective pins. It is important to place the
feedback
components
including
feedback
resistors and compensation components close to
Fb and Comp pins.
PGnd
Vin
AGnd
Vout
PGnd
Vin
AGnd
Vout
The connection between the OCSet resistor and
the Sw pin should not share any trace with the
connection between the bootstrap capacitor and
the Sw pin. Instead, it is recommended to use a
Kelvin connection of the trace from the OCSet
resistor and the trace from the bootstrap
capacitor at the Sw pin.
In a multilayer PCB use one layer as a power
ground plane and have a control circuit ground
(analog ground), to which all signals are
referenced. The goal is to localize the high
current path to a separate loop that does not
interfere with the more sensitive analog control
function. These two grounds must be connected
together on the PC board layout at a single point.
The Power QFN is a thermally enhanced
package. Based on thermal performance it is
recommended to use at least a 4-layers PCB. To
effectively remove heat from the device the
exposed pad should be connected to the ground
plane using vias. Figure 26 illustrates the
implementation of the layout guidelines outlined
above, on the IRDC3842W 4 layer demoboard.
PGnd
Vin
AGnd
Vout
All bypass caps
should be placed as
close as possible to
their connecting
pins.
Resistors Rt and
Rocset should be
placed as close as
possible to their pins.
Enough copper &
minimum length
ground path between
Input and Output
PGnd
Vin
AGnd
Vout
Compensation parts
should be placed as close
as possible to
the Comp pin.
Fig. 26a. IRDC3842W demoboard layout
considerations – Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com