Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX1002 Datasheet(PDF) 11 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 11 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 7Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 8Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 9Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 10Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 11Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 12Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev 13.0
11
PD-97659
IR3842WMPbF
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=0.5A-4A, F
s=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
2.5
MPL1055-1R2IR
1.2
3.3
2.5
MPL1055-1R2IR
1.2
2.5
2.5
MPL1055-1R2IR
1.2
1.8
2.5
MPL1055-1R2IR
1.2
1.2
2.5
MPL1055-1R2IR
1.2
1.5
2.45
MPO104-0R9IR
0.9
1.1
2.45
MPO104-0R9IR
0.9
1
2.45
MPO104-0R9IR
0.9
0.9
1.5
MPL104-0R6
0.6
0.75
1.5
MPL104-0R6
0.6
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)
2.5
MPL1055-1R2IR
1.2
3.3
2.5
MPL1055-1R2IR
1.2
2.5
2.5
MPL1055-1R2IR
1.2
1.8
2.5
MPL1055-1R2IR
1.2
1.2
2.5
MPL1055-1R2IR
1.2
1.5
2.45
MPO104-0R9IR
0.9
1.1
2.45
MPO104-0R9IR
0.9
1
2.45
MPO104-0R9IR
0.9
0.9
1.5
MPL104-0R6
0.6
0.75
1.5
MPL104-0R6
0.6
0.7
DCR
(mΩ)
P/N
L (uH)
Vout (V)
80
82
84
86
88
90
92
94
96
98
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.51.0
1.52.0
2.53.0
3.54.0
Load Current (A)
0.7V
0.75V
0.9V
1.0V
1.1V
1.2V
1.5V
1.8V
2.5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com