Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB40NS15 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB40NS15
Description  N-channel 150V - 0.045Ω - 40A - D2PAK MESH OVERLAY™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NS15 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB40NS15 Datasheet HTML 4Page - STMicroelectronics STB40NS15 Datasheet HTML 5Page - STMicroelectronics STB40NS15 Datasheet HTML 6Page - STMicroelectronics STB40NS15 Datasheet HTML 7Page - STMicroelectronics STB40NS15 Datasheet HTML 8Page - STMicroelectronics STB40NS15 Datasheet HTML 9Page - STMicroelectronics STB40NS15 Datasheet HTML 10Page - STMicroelectronics STB40NS15 Datasheet HTML 11Page - STMicroelectronics STB40NS15 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuit
STB40NS15
8/13
3
Test circuit
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped Inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com