Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB40NS15 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB40NS15
Description  N-channel 150V - 0.045Ω - 40A - D2PAK MESH OVERLAY™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NS15 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB40NS15 Datasheet HTML 5Page - STMicroelectronics STB40NS15 Datasheet HTML 6Page - STMicroelectronics STB40NS15 Datasheet HTML 7Page - STMicroelectronics STB40NS15 Datasheet HTML 8Page - STMicroelectronics STB40NS15 Datasheet HTML 9Page - STMicroelectronics STB40NS15 Datasheet HTML 10Page - STMicroelectronics STB40NS15 Datasheet HTML 11Page - STMicroelectronics STB40NS15 Datasheet HTML 12Page - STMicroelectronics STB40NS15 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STB40NS15
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com