Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C50 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP2C50
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C50 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP2C50 Datasheet HTML 14Page - Altera Corporation EP2C50 Datasheet HTML 15Page - Altera Corporation EP2C50 Datasheet HTML 16Page - Altera Corporation EP2C50 Datasheet HTML 17Page - Altera Corporation EP2C50 Datasheet HTML 18Page - Altera Corporation EP2C50 Datasheet HTML 19Page - Altera Corporation EP2C50 Datasheet HTML 20Page - Altera Corporation EP2C50 Datasheet HTML 21Page - Altera Corporation EP2C50 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 182 page
background image
18
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
FLEX 10KS Devices
Table 20 lists the device name, package type, and number of pins for the FLEX 10KS
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
FLEX 10KE Devices
Table 21 lists the device name, package type, and number of pins for the FLEX 10KE
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Table 20. FLEX 10KS Devices
Device
Package
Pins
EPF10K50S
TQFP, Wire Bond
144
PQFP, Wire Bond
208
PQFP, Wire Bond
240
FBGA, Wire Bond, Option 1
256
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484
EPF10K200S
RQFP, Wire Bond
240
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484
BGA, Wire Bond
600
FBGA, Wire Bond, Option 2
672
Table 21. FLEX 10KE Devices (Part 1 of 3)
Device
Package
Pins
EPF10K30E
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
FBGA, Wire Bond, Option 2
484
EPF10K50E
TQFP, Wire Bond
144
PQFP, Wire Bond
208
PQFP, Wire Bond
240
FBGA, Wire Bond, Option 1
256
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com