Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C70 Datasheet(PDF) 16 Page - Altera Corporation

Part # EP2C70
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C70 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP2C70 Datasheet HTML 12Page - Altera Corporation EP2C70 Datasheet HTML 13Page - Altera Corporation EP2C70 Datasheet HTML 14Page - Altera Corporation EP2C70 Datasheet HTML 15Page - Altera Corporation EP2C70 Datasheet HTML 16Page - Altera Corporation EP2C70 Datasheet HTML 17Page - Altera Corporation EP2C70 Datasheet HTML 18Page - Altera Corporation EP2C70 Datasheet HTML 19Page - Altera Corporation EP2C70 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 182 page
background image
16
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
ACEX 1K Devices
Table 17 lists the device name, package type, and number of pins for the ACE 1K
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
EP20K200
PQFP, Wire Bond
208
PQFP, Wire Bond
240
BGA, Wire Bond
356
FBGA, Wire Bond, Option 2
484
EP20K300
FBGA, Wire Bond, Option 2
672
EP20K400
BGA, Wire Bond, Option 3
652
PGA, Wire Bond
655
FBGA, Flip Chip, Option 1
672
Table 16. APEX 20K Devices (Part 2 of 2)
Device
Package
Pins
Table 17. ACEX 1K Devices
Device
Package
Pins
EP1K10
TQFP, Wire Bond
100
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EP1K30
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
EP1K50
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
FBGA, Wire Bond, Option 2
484
EP1K100
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 1
256
FBGA, Wire Bond, Option 2
484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com