Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C70 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP2C70
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C70 Datasheet(HTML) 2 Page - Altera Corporation

  EP2C70 Datasheet HTML 1Page - Altera Corporation EP2C70 Datasheet HTML 2Page - Altera Corporation EP2C70 Datasheet HTML 3Page - Altera Corporation EP2C70 Datasheet HTML 4Page - Altera Corporation EP2C70 Datasheet HTML 5Page - Altera Corporation EP2C70 Datasheet HTML 6Page - Altera Corporation EP2C70 Datasheet HTML 7Page - Altera Corporation EP2C70 Datasheet HTML 8Page - Altera Corporation EP2C70 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
2
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
Table 1 lists the Altera devices and the associated table locations.
Table 1. Mature Altera Device and Package Cross Reference
Altera Device
Table locations
Arria® series FPGAs
■ Arria GX Devices: Table 2 on page 3
Stratix® series FPGAs
■ Stratix II Devices: Table 3 on page 3
■ Stratix Devices: Table 4 on page 5
Cyclone® series FPGAs
■ Cyclone II Devices: Table 5 on page 7
■ Cyclone Devices: Table 6 on page 8
MAX® series CPLDs
■ MAX 9000 Devices: Table 7 on page 8
■ MAX 7000 Devices: Table 8 on page 9
■ MAX 3000A Devices: Table 9 on page 10
HardCopy® series ASICs
■ HardCopy II Devices: Table 10 on page 11
■ HardCopy Devices: Table 11 on page 11
■ HardCopy APEX Devices: Table 12 on page 12
APEX™ series FPGAs
■ APEX II Devices: Table 13 on page 13
■ APEX 20KE Devices: Table 14 on page 13
■ APEX 20KC Devices: Table 15 on page 15
■ APEX 20K Devices: Table 16 on page 15
ACEX® 1K FPGAs
ACEX 1K Devices: Table 17 on page 16
Mercury™ FPGAs
Mercury Devices: Table 18 on page 17
FLEX® series FPGAs
■ FLEX 10KA Devices: Table 19 on page 17
■ FLEX 10KS Devices: Table 20 on page 18
■ FLEX 10KE Devices: Table 21 on page 18
Excalibur™ FPGAs
Excalibur Devices: Table 22 on page 21
Configuration devices
Configuration Devices: Table 23 on page 22
Enhanced configuration devices
Enhanced Configuration Devices: Table 24 on page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com