Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3897MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR3897MPBF
Description  4A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 2 Page - International Rectifier

  IR3897MPBF Datasheet HTML 1Page - International Rectifier IR3897MPBF Datasheet HTML 2Page - International Rectifier IR3897MPBF Datasheet HTML 3Page - International Rectifier IR3897MPBF Datasheet HTML 4Page - International Rectifier IR3897MPBF Datasheet HTML 5Page - International Rectifier IR3897MPBF Datasheet HTML 6Page - International Rectifier IR3897MPBF Datasheet HTML 7Page - International Rectifier IR3897MPBF Datasheet HTML 8Page - International Rectifier IR3897MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
- 2 -
JANUARY 18, 2013 |DATA SHEET |    Rev 3.5
2
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
ORDERING INFORMATION 
  IR3897 ―         
       
 
 
 
Package
Tape & Reel Qty 
Part Number
M 
750 
IR3897MTR1PBF 
M 
4000 
IR3897MTRPBF 
PIN DIAGRAM 
4mm x 5mm POWER QFN 
TOP VIEW 
 
 
 
 
PBF – Lead Free 
TR/TR1 – Tape and Reel 
M – Package Type 
-
32
/
2/
o
JA
o
JPCB
CW
CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com