Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3898MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3898MPBF
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3898MPBF Datasheet HTML 17Page - International Rectifier IR3898MPBF Datasheet HTML 18Page - International Rectifier IR3898MPBF Datasheet HTML 19Page - International Rectifier IR3898MPBF Datasheet HTML 20Page - International Rectifier IR3898MPBF Datasheet HTML 21Page - International Rectifier IR3898MPBF Datasheet HTML 22Page - International Rectifier IR3898MPBF Datasheet HTML 23Page - International Rectifier IR3898MPBF Datasheet HTML 24Page - International Rectifier IR3898MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
- 21 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
21
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
than the valley point by an amount equal to approximately
half of peak to peak inductor ripple current.
(2)
2
OCP
i
I
ILIMIT

IOCP= DC current limit hiccup point
ILIMIT= Current limit Valley Point
Δi=Inductor ripple current
0
IL
0
HDrv
Current Limit
0
LDrv
...
...
0
PGood
20.48ms
Hiccup
Figure 8: Timing Diagram for Current Limit and Hiccup
THERMAL SHUTDOWN
Temperature sensing is provided inside IR3898. The trip
threshold is typically set to 145
oC. When trip threshold is
exceeded, thermal shutdown turns off both MOSFETs and
resets the internal soft start.
Automatic restart is initiated when the sensed
temperature drops within the operating range. There is
a 20
oC hysteresis in the thermal shutdown threshold.
EXTERNAL SYNCHRONIZATION
IR3898 incorporates an internal phase lock loop (PLL)
circuit which enables synchronization of the internal
oscillator to an external clock. This function is important to
avoid sub-harmonic oscillations due to beat frequency for
embedded systems when multiple point-of-load (POL)
regulators are used. A multi-function pin, Rt/Sync, is used
to connect the external clock. If the external clock is
present before the converter turns on, Rt/Sync pin can be
connected to the external clock signal solely and no other
resistor is needed. If the external clock is applied after the
converter turns on, or the converter switching frequency
needs to toggle between the external clock frequency and
the internal free-running frequency, an external resistor
from Rt/Sync pin to Gnd is required to set the free-running
frequency.
When an external clock is applied to Rt/Sync pin after the
converter runs in steady state with its free-running
frequency, a transition from the free-running frequency to
the external clock frequency will happen. This transition is
to gradually make the actual switching frequency equal to
the external clock frequency, no matter which one is
higher. On the contrary, when the external clock signal is
removed from Rt/Sync pin, the switching frequency is also
changed to free-running gradually. In order to minimize
the impact from these transitions to output voltage, a
diode is recommended to add between the external clock
and Rt/Sync pin as shown in Figure 9a. Figure 9b shows the
timing diagram of these transitions.
IR3898
Rt/Sync
Gnd
Figure 9a: Configuration of External Synchronization
SW
SYNC
...
...
Gradually change
Fs1
Fs2
Fs1
Free Running
Frequency
Synchronize to the
external clock
Return to free-
running freq
Gradually change
Figure 9b: Timing Diagram for Synchronization
to the external clock (Fs1>Fs2 or Fs1<Fs2)
An internal circuit is used to change the PWM ramp slope
according to the clock frequency applied on Rt/Sync pin.
Even though the frequency of the external synchronization
clock can vary in a wide range, the PLL circuit will make
sure that the ramp amplitude is kept constant, requiring no
adjustment of the loop compensation. Vin variation also
affects the ramp amplitude, which will be discussed
separately in Feed-Forward section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com