Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3898MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3898MPBF
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3898MPBF Datasheet HTML 9Page - International Rectifier IR3898MPBF Datasheet HTML 10Page - International Rectifier IR3898MPBF Datasheet HTML 11Page - International Rectifier IR3898MPBF Datasheet HTML 12Page - International Rectifier IR3898MPBF Datasheet HTML 13Page - International Rectifier IR3898MPBF Datasheet HTML 14Page - International Rectifier IR3898MPBF Datasheet HTML 15Page - International Rectifier IR3898MPBF Datasheet HTML 16Page - International Rectifier IR3898MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
- 13 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
13
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
6
6.25
6.5
6.75
7
7.25
7.5
25
30
35
40
45
50
55
60
65
70
75
80
85
TAmb
0 LFM
200 LFM
Lout-1uH,4.7m
Ω(TDK SPM6550T-1R0)
5.5
5.75
6
6.25
6.5
6.75
7
7.25
25
30
35
40
45
50
55
60
65
70
75
80
85
TAmb
0 LFM
200 LFM
Lout-1.5uH,6.7m
Ω(Cyntec PCMB065T-1R5MS)
THERMAL DERATING CURVES
Measurement is done on IRDC3898 Evaluation board, a 4-layer board with 2 oz Copper, FR4 material, size 2.23"x2"
PVin = 12V, Vout=1.2V, Vcc = Internal LDO (6.4V), Fs = 600 kHz
PVin = 12V, Vout=3.3V, Vcc = Internal LDO (6.4V), Fs = 600 kHz
Note: International Rectifier Corporation specifies current rating of SupIRBuck devices conservatively. The continuous current
load capability might be higher than the rating of the device if input voltage is 12V typical and switching frequency is below
750 kHz. The above derating curves are generated at 12V input, 600kHz with 0-200LFM air flow and ambient temperature up
to 85°C.Detailed thermal derating information can be found in the Application Note AN-1174
“Thermal Derating of DC DC
Convertors using IR3899/98/97”. However, the maximum current is limited by the internal current limit and designers need to
consider enough guard bands between load current and minimum current limit to guarantee that the device does not trip at
steady state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com