Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3503 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 4Page - SMSC Corporation USB3503 Datasheet HTML 5Page - SMSC Corporation USB3503 Datasheet HTML 6Page - SMSC Corporation USB3503 Datasheet HTML 7Page - SMSC Corporation USB3503 Datasheet HTML 8Page - SMSC Corporation USB3503 Datasheet HTML 9Page - SMSC Corporation USB3503 Datasheet HTML 10Page - SMSC Corporation USB3503 Datasheet HTML 11Page - SMSC Corporation USB3503 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
8
Revision 1.1 (02-07-13)
DATASHEET
Chapter 1 General Description
The SMSC USB3503 is a low-power, USB 2.0 hub controller with HSIC upstream connectivity and
three USB 2.0 downtream ports. The USB3503 operates as a hi-speed hub and supports low-speed,
full-speed, and hi-speed downstream devices on all of the enabled downstream ports.
The USB3503 has been specifically optimized for mobile embedded applications. The pin-count has
been reduced by optimizing the USB3503 for mobile battery-powered embedded systems where power
consumption, small package size, and minimal BOM are critical design requirements. Standby mode
power has been minimized. Instead of a dedicated crystal, reference clock inputs are aligned to mobile
applications. Flexible integrated power regulators ease integration into battery powered devices. All
required resistors on the USB ports are integrated into the hub. This includes all series termination
resistors on D+ and D– pins and all required pull-down resistors on D+ and D– pins.
The USB3503 includes programmable features such as:
MultiTRAKTM Technology, which utilizes a dedicated Transaction Translator (TT) per port to maintain
consistent full-speed data throughput regardless of the number of active downstream connections.
MultiTRAKTM outperforms conventional USB 2.0 hubs with a single TT in USB full-speed data transfers.
PortMap, which provides flexible port mapping and disable sequences. The downstream ports of a
USB3503 hub can be reordered or disabled in any sequence to support multiple platform designs with
minimum effort. For any port that is disabled, the USB3503 hub controllers automatically reorder the
remaining ports to match the USB host controller’s port numbering scheme.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows
direct alignment of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the
USB differential signals on the PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB
signal drive strength in the downstream port transceivers. PHYBoost
attempts to restore USB signal integrity in a compromised system
environment. The graphic on the right shows an example of Hi-
Speed USB eye diagrams before and after PHYBoost signal integrity
restoration.
VariSense, which controls the USB receiver sensitivity enabling programmable levels of USB signal
receive sensitivity. This capability allows operation in a sub-optimal system environment, such as when
a captive USB cable is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com