Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3503 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3503 Datasheet HTML 1Page - SMSC Corporation USB3503 Datasheet HTML 2Page - SMSC Corporation USB3503 Datasheet HTML 3Page - SMSC Corporation USB3503 Datasheet HTML 4Page - SMSC Corporation USB3503 Datasheet HTML 5Page - SMSC Corporation USB3503 Datasheet HTML 6Page - SMSC Corporation USB3503 Datasheet HTML 7Page - SMSC Corporation USB3503 Datasheet HTML 8Page - SMSC Corporation USB3503 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
SMSC USB3503A
Revision 1.1 (02-07-13)
DATASHEET
Datasheet
PRODUCT FEATURES
USB3503
USB 2.0 HSIC High-Speed Hub Controller
Optimized for Portable Applications
Features
Integrated USB 2.0 Compatible 3-Port Hub.
HSIC Upstream Port
Advanced power saving features
—1
μA Typical Standby Current
— Port goes into power saving state when no devices are
connected downstream
— Port is shutdown when port is disabled.
— Digital core shut down in Standby Mode
Supports either Single-TT or Multi-TT configurations
for Full-Speed and Low-Speed connections.
Enhanced configuration options available through
serial I2C Slave Port
— VID/PID/DID
— String Descriptors
— Configuration options for Hub.
Internal Default configuration option when serial I2C
host not available.
MultiTRAKTM
— Dedicated Transaction Translator per port.
PortMap
— Configurable port mapping and disable sequencing.
PortSwap
— Configurable differential intra-pair signal swapping.
PHYBoostTM
— Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
— Programmable USB receiver sensitivity
flexPWR® Technology
— Low current design ideal for battery powered
applications
— Internal supply switching provides low power modes
External 12, 19.2, 24, 25, 26, 27, 38.4, or 52 MHz
clock input
Internal 3.3V & 1.2V Voltage Regulators for single
supply operation.
— External VBAT and 1.8V dual supply input option
Internal Short Circuit protection of USB differential
signal pins.
USB Port ESD Protection (DP/DM)
— ±15kV (air and contact discharge)
— IEC 61000-4-2 level 4 ESD protection without external
devices
25-pin WLCS (1.97mm x 1.97mm Wafer Level Chip
Scale) Package - 0.4mm ball pitch
Applications
The USB3503 is targeted for applications where more
than one USB port is required. As mobile devices add
more features and the systems become more complex
it is necessary to have more than one USB port to take
communicate with the internal and peripheral devices.
Mobile Phones
Tablet Computers
Ultra Mobile PCs
Digital Still Cameras
Digital Video Camcorders
Gaming Consoles
PDAs
Portable Media Players
GPS Personal Navigation Devices
Media Players/Viewers


Similar Part No. - USB3503

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
More results

Similar Description - USB3503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB4640 SMSC-USB4640 Datasheet
1Mb / 64P
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
USB3613 SMSC-USB3613 Datasheet
878Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB3813 SMSC-USB3813 Datasheet
882Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
USB4604 SMSC-USB4604 Datasheet
1Mb / 71P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
USB4624 SMSC-USB4624 Datasheet
1,014Kb / 68P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB4604 MICROCHIP-USB4604 Datasheet
640Kb / 62P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB4624 MICROCHIP-USB4624 Datasheet
616Kb / 58P
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
03/25/14
USB84604 MICROCHIP-USB84604 Datasheet
730Kb / 61P
USB 2.0 HSIC Hi-Speed 4-Port Controller Hub
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com