Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290BCSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BCSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1290BCSW Datasheet HTML 18Page - Linear Technology LTC1290BCSW Datasheet HTML 19Page - Linear Technology LTC1290BCSW Datasheet HTML 20Page - Linear Technology LTC1290BCSW Datasheet HTML 21Page - Linear Technology LTC1290BCSW Datasheet HTML 22Page - Linear Technology LTC1290BCSW Datasheet HTML 23Page - Linear Technology LTC1290BCSW Datasheet HTML 24Page - Linear Technology LTC1290BCSW Datasheet HTML 25Page - Linear Technology LTC1290BCSW Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
Differential Inputs
With differential inputs or when the COM pin is not tied to
ground, the A/D no longer converts just a single voltage but
rather the difference between two voltages. In these cases,
the voltage on the selected “+” input is still sampled and held
and therefore may be rapidly time varying just as in single-
ended mode. However, the voltage on the selected “–” input
must remain constant and be free of noise and ripple
throughout the conversion time. Otherwise, the differencing
operation may not be performed accurately. The conversion
time is 52 ACLK cycles. Therefore, a change in the “–” input
voltage during this interval can cause conversion errors.
For a sinusoidal voltage on the “–” input this error would be:
VERROR (MAX) = (VPEAK)(2π)[ f(“–”)](52/fACLK)
Where f(“–”) is the frequency of the “–” input voltage,
VPEAK is its peak amplitude and fACLK is the frequency of
the ACLK. In most cases VERROR will not be significant. For
a 60Hz signal on the “–” input to generate a 0.25LSB error
(300
µV) with the converter running at ACLK = 4MHz, its
peak value would have to be 61mV.
5. Reference Inputs
The voltage between the reference inputs of the LTC1290
defines the voltage span of the A/D converter. The refer-
ence inputs will have transient capacitive switching cur-
rents due to the switched capacitor conversion technique
(see Figure 14). During each bit test of the conversion
(every 4 ACLK cycles), a capacitive current spike will be
generated on the reference pins by the A/D. These current
spikes settle quickly and do not cause a problem. How-
ever, if slow settling circuitry is used to drive the reference
inputs, care must be taken to insure that transients caused
by these current spikes settle completely during each bit
test of the conversion.
Figure 14. Reference Input Equivalent Circuit
RON
8pF TO 40pF
LTC1290
REF+
ROUT
VREF
EVERY 4 ACLK CYCLES
14
13
REF–
LTC 1290 F14
When driving the reference inputs, two things should be
kept in mind:
1. Transients on the reference inputs caused by the
capacitive switching currents must settle completely
during each bit test (each 4 ACLK cycles). Figures 15
and 16 show examples of both adequate and poor
settling. Using a slower ACLK will allow more time for
the reference to settle. However, even at the maximum
ACLK rate of 4MHz most references and op amps can
be made to settle within the 1
µs bit time. For example
the LT1236 will settle adequately.
2. It is recommended that REF– input be tied directly to
the analog ground plane. If REF– is biased at a voltage
other than ground, the voltage must not change during
a conversion cycle. This voltage must also be free of
noise and ripple with respect to analog ground.
Figure 16. Poor Reference Settling Can Cause A/D Errors
HORIZONTAL: 1
µs/DIV
Figure 15. Adequate Reference Settling
HORIZONTAL: 1
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com