Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290BCSW Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BCSW Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1290BCSW Datasheet HTML 24Page - Linear Technology LTC1290BCSW Datasheet HTML 25Page - Linear Technology LTC1290BCSW Datasheet HTML 26Page - Linear Technology LTC1290BCSW Datasheet HTML 27Page - Linear Technology LTC1290BCSW Datasheet HTML 28Page - Linear Technology LTC1290BCSW Datasheet HTML 29Page - Linear Technology LTC1290BCSW Datasheet HTML 30Page - Linear Technology LTC1290BCSW Datasheet HTML 31Page - Linear Technology LTC1290BCSW Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
LTC1290
1290fe
S
APPLICATI
TYPICAL
Power Shutdown
For battery-powered applications it is desirable to keep
power dissipation at a minimum. The LTC1290 can be
powered down when not in use reducing the supply
current from a nominal value of 5mA to typically 5
µA (with
ACLK turned off). See the curve for Supply Current (Power
Shutdown) vs ACLK if ACLK cannot be turned off when the
LTC1290 is powered down. In this case the supply current
is proportional to the ACLK frequency and is independent
of temperature until it reaches the magnitude of the supply
current attained with ACLK turned off.
As an example of how to use this feature let’s add this to
the previous application, SNEAK-A-BIT. After the CHK
SIGN subroutine call insert the following:
•
•
JSR CHK SIGN
Determines which reading has valid
data, converts to 2’s complement
and stores in RAM
JSR SHUTDOWN
LTC1290 power shutdown routine
The actual subroutine is:
SHUTDOWN: LDA #$3D
Load DIN word for
LTC1290 into ACC
JSR TRANSFER Read LTC1290 routine
RTS
Return
To place the device in power shutdown the word length
bits are set to WL1 = 0 and WL0 = 1. The LTC1290 is
powered up on the next request for a conversion and it’s
ready to digitize an input signal immediately.
Power Shutdown Timing Considerations
After power shutdown has been requested, the LTC1290
is powered up on the next request for a conversion. This
request can be initiated either by bringing CS low or by
starting the next cycle of SCLKs if CS is kept low (see
Figures 3 and 4). When the SCLK frequency is much
slower than the ACLK frequency a situation can arise
where the LTC1290 could power down and then prema-
turely power back up. Power shutdown begins at the
negative going edge of the 10th SCLK once it has been
requested. A dummy conversion is executed and the
LTC1290 waits for the next request for conversion. If the
SCLKs have not finished once the LTC1290 has finished its
dummy conversion, it will recognize the next remaining
SCLKs as a request to start a conversion and power up the
LTC1290 (see Figure 23). To prevent this, bring either CS
high at the 10th SCLK (Figure 24) or clock out only 10
SCLKs (Figure 25) when power shutdown is requested.
110
SCLK
CS
POWER SHUTDOWN STARTS
DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS
POWER UP
1290 TAF23
Figure 23. Power Shutdown Timing Problem
110
SCLK
CS
POWER SHUTDOWN STARTS
DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS
POWER UP
1290 TAF24
Figure 24. Power Shutdown Timing
110
SCLK
CS
POWER SHUTDOWN STARTS
DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS
POWER UP
1290 TAF25
Figure 25. Power Shutdown Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com