Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF644 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF644
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF644 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF644 Datasheet HTML 1Page - Motorola, Inc MRF644 Datasheet HTML 2Page - Motorola, Inc MRF644 Datasheet HTML 3Page - Motorola, Inc MRF644 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF644
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 4.0 Adc, VCE = 5.0 Vdc)
hFE
40
70
100
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 12.5 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
60
85
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCC = 12.5 Vdc, Pout = 25 W, IC (MAX) = 3.6 Adc, f = 470 MHz)
Gpe
6.2
7.0
—
dB
Input Power
(VCC = 12.5 Vdc, Pout = 25 W, f = 470 MHz)
Pin
—
5.0
6.0
Watts
Collector Efficiency
(VCC = 12.5 Vdc, Pout = 25 W, IC (MAX) = 3.6 Adc, f = 470 MHz)
η
55
60
—
%
Output Mismatch Stress
(VCC = 16 Vdc, Pin = Note 1, f = 470 MHz,
VSWR = 20:1, All Phase Angles)
ψ *
No Degradation in Output Power
Series Equivalent Input Impedance
(VCC = 12.5 Vdc, Pout = 25 W, f = 470 MHz)
Zin
—
1.2 + j3.3
—
Ohms
Series Equivalent Output Impedance
(VCC = 12.5 Vdc, Pout = 25 W, f = 470 MHz)
ZOL
—
1.9 + j2.1
—
Ohms
NOTE:
1. Pin = 150% of Drive Requirement for 25 W Output at 12.5 Vdc.
*
ψ = Mismatch stress factor — the electrical criterion established to verify the device resistance to load mismatch failure. The mismatch stress
test is accomplished in the standard test fixture (Figure 1) terminated in a 20:1 minimum load mismatch at all phase angles.
Figure 1. Test Circuit Schematic
C1, C2, C7, C8 — 1.0 – 20 pF Johanson Variable
C3 — 27 pF 100 mil ATC
C4 — 30 pF 100 mil ATC
C5, C6 — 33 pF 100 mil ATC
C9 — 250 pF 100 mil ATC
C10 — 100 pF UNELCO
C11, C14 — 1.0
µF 35 V TANTALUM
C12, C13 — 680 pF Feedthrough
L1 — 5
″ #22 AWG 0.100″ ID
L2 — 5
″ #20 AWG 0.187″ ID
RFC1 — Ferroxcube VK200–20–4B
B — Ferroxcube Bead 56–590–65–3B
Z1 — 0.25
″ x 0.20″ Microstrip
Z2 — 1.63
″ x 0.20″ Microstrip
Z3 — 0.20
″ x 0.20″ Microstrip
Z4, Z5 — 1/2
″ #18 AWG bent in a
Z4, Z5 — “V” shape 1/8
″ Wide
Z6 — 0.20
″ x 0.20″ Microstrip
Z7 — 0.70
″ x 0.20″ Microstrip
Z8 — 0.33
″ x 0.20″ Microstrip
Z9 — 0.50
″ x 0.20″ Microstrip
Board — 62.5 mil Glass Teflon,
εr = 2.55
RFC1
B
C1
C10
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
C2
C3
C5
C7
C8
C9
C4
C6
L1
C11
C12 C13
C14
B
L2
SOCKET
D.U.T.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com