Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB2X4100L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DB2X4100L
Description  Silicon epitaxial planar type For high frequency rectification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DB2X4100L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DB2X4100L Datasheet HTML 1Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 2Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 3Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 4Page - Panasonic Semiconductor DB2X4100L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Standards
Schottky Barrier Diode
DB2X41400L
Technical Data ( reference )
Page 3 of 4
IF - VF
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Forward voltage VF (V)
Ta = 125 °C
85 °C
-40 °C
25 °C
IR - VR
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
0
1020
3040
Reverse voltage VR (V)
Ta = 125 °C
85 °C
25 °C
-40 °C
Ct - VR
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
40
Reverse voltage VR (V)
Ta = 25 °C
f = 1 MHz
Rth - t
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Time t (s)
(1)
Rth(j-l) = 30 °C/W
(1) Non-heat sink
(2) Mounted on glass epoxy print board.
(3) Mounted on alumina print board.
Board size : 50 mm × 50 mm x 0.8 mm
Solder in : 2 mm x 2 mm
(2)
(3)
IF(AV) - Tl
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
Lead temperature Tl (°C)
DC
1/4
tp/T
1/2
Sine Wave
VR = 20 V
Tj = 125 °C
tp
T
IF
PF(AV) - IF(AV)
0
0.5
1
1.5
0
0.5
1
1.5
2
2.5
Forward current (Average) IF(AV) (A)
DC
1/4
1/2
Sine Wave
tp
T
IF
Doc No. TT4-EA-12043
Revision. 3
Established : 2009-12-21
Revised
: 2013-04-26



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com