Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3426 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 28Page - Microchip Technology MCP3426 Datasheet HTML 29Page - Microchip Technology MCP3426 Datasheet HTML 30Page - Microchip Technology MCP3426 Datasheet HTML 31Page - Microchip Technology MCP3426 Datasheet HTML 32Page - Microchip Technology MCP3426 Datasheet HTML 33Page - Microchip Technology MCP3426 Datasheet HTML 34Page - Microchip Technology MCP3426 Datasheet HTML 35Page - Microchip Technology MCP3426 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MCP3426/7/8
DS22226A-page 32
© 2009 Microchip Technology Inc.
Figure 6-6, shows an example of using the MCP3428
for
four-channel
thermocouple
temperature
measurement applications.
FIGURE 6-6:
Four-Channel Thermocouple Applications.
With
Type
K
thermocouple,
it
can
measure
temperature from 0°C to +1250°C degrees. The full
scale output range of the Type K thermocouple is
about 50 mV. This provides 40 µV/°C (= 50 mV/
1250°C) of measurement resolution. Equation 6-1
shows the measurement budget for sensor signal using
the MCP3426/7/8 device with 16 bits and PGA = 8
settings. With this configuration, the MCP3428 can
detect the input signal level as low as approximately
7.8 µV. By setting the internal PGA option to x8, the
40 µV/°C input from the thermocouple is amplified
internally to 320 µV/°C before the conversion takes
place. This results in about 5 LSB output codes per
1°C of change in temperature, with 16-bit conversion
mode.
EQUATION 6-1:
5k
Ω
VDD
4
5
6
9
CH2-
VSS
CH3+
3
12
CH2+
CH3-
2
13
CH1-
CH4+
1
14
CH1+
CH4-
7
8
SDA
SCL
VDD
MCP3428
11
10
0.1 µF
10 µF
TO MCU
(MASTER)
MCP9800
MCP9800
MCP9800
MCP9800
Isothermal Block
Isothermal Block
Thermocouple Sensor
Heat
SCL
SDA
SDA
SCL
SDA
SCL
VDD
SDA
SCL
SDA
SCL
Adr1
Adr0
5k
Ω
Input Signal Level after gain of 8:
Where:
1 LSB
=
62.5 µV with 16 bit configuration
Detectable Input Signal Level
62.5
μV/PGA
=
7.8125
μV for PGA
8
=
=
40
μV/°C
() 8
320
μV/°C
=
•
=
No. of LSB/°C
320
μV/°C
62.5
μV
-------------------------
5.12 Codes/°C
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com