Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3426 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 16Page - Microchip Technology MCP3426 Datasheet HTML 17Page - Microchip Technology MCP3426 Datasheet HTML 18Page - Microchip Technology MCP3426 Datasheet HTML 19Page - Microchip Technology MCP3426 Datasheet HTML 20Page - Microchip Technology MCP3426 Datasheet HTML 21Page - Microchip Technology MCP3426 Datasheet HTML 22Page - Microchip Technology MCP3426 Datasheet HTML 23Page - Microchip Technology MCP3426 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MCP3426/7/8
DS22226A-page 20
© 2009 Microchip Technology Inc.
FIGURE 5-1:
Address Byte.
5.3.2
DEVICE ADDRESS BITS (A2, A1, A0)
AND ADDRESS SELECTION PINS
(MCP3427 AND MCP3428)
The MCP3427 and MCP3428 have two external
device address pins (Adr1, Adr0). These pins can be
set to a logic high (or tied to VDD), low (or tied to VSS),
or left floating (not connected to anything, or tied to
VDD/2), These combinations of logic level using the
two pins allow eight possible addresses. Table 5-3
shows the device address depending on the logic
status of the address selection pins.
The device samples the logic status of the Adr0 and
Adr1 pins in the following events:
(a)
Device power-up.
(b)
General Call Reset
(See Section 5.4 “General Call”).
(c)
General Call Latch
(See Section 5.4 “General Call”).
The device samples the logic status (address pins)
during the above events, and latches the values until a
new latch event occurs. During normal operation (after
the address pins are latched), the address pins are
internally disabled from the rest of the internal circuit.
It is recommended to issue a General Call Reset or
General Call Latch command once after the device
has powered up. This will ensure that the device reads
the address pins in a stable condition, and avoid
latching the address bits while the power supply is
ramping up. This might cause inaccurate address pin
detection.
When the address pin is left “floating”:
When the address pin is left “floating”, the address pin
momentarily outputs a short pulse with an amplitude of
about VDD/2 during the latch event. The device also
latches this pin voltage at the same time.
If the “floating” pin is connected to a large parasitic
capacitance (> 20 pF) or to a long PCB trace, this short
floating voltage output can be altered. As a result, the
device may not latch the pin correctly.
It is strongly recommended to keep the “floating” pin
pad as short as possible in the customer application
PCB and minimize the parasitic capacitance to the pin
as small as possible (< 20 pF).
Figure 5-2 shows an example of the Latch voltage
output at the address pin when the address pin is left
“floating”. The waveform at the Adr0 pin is captured by
using an oscilloscope probe with 15 pF of capacitance.
The device latches the floating condition immediately
after the General Call Latch command.
FIGURE 5-2:
General Call Latch
Command and Voltage Output at Address Pin
Left “Floating” (MCP3427 and MCP3428).
Start bit
Read/Write bit
Address Byte
R/W ACK
1
1
0
1
A2
A1
A0
Device Code
Address Bits (Note 1)
Address Byte:
Acknowledge bit
Address
Note
1:
MCP3427 and MCP3428: Configured by
the user. See Table 5-4 for address bit
configurations.
2:
MCP3426: Programmed at the factory
during production.
Float waveform (output)
at address pin
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com