Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM708SANZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM708SANZ
Description  3 V, Voltage Monitoring Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708SANZ Datasheet(HTML) 1 Page - Analog Devices

  ADM708SANZ Datasheet HTML 1Page - Analog Devices ADM708SANZ Datasheet HTML 2Page - Analog Devices ADM708SANZ Datasheet HTML 3Page - Analog Devices ADM708SANZ Datasheet HTML 4Page - Analog Devices ADM708SANZ Datasheet HTML 5Page - Analog Devices ADM708SANZ Datasheet HTML 6Page - Analog Devices ADM708SANZ Datasheet HTML 7Page - Analog Devices ADM708SANZ Datasheet HTML 8Page - Analog Devices ADM708SANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3 V, Voltage Monitoring
Microprocessor Supervisory Circuits
ADM706P/ADM706R/ADM706S/ADM706T, ADM708R/ADM708S/ADM708T
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1995–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Precision supply voltage monitor
2.63 V (ADM706P, ADM706R, ADM708R)
2.93 V (ADM706S, ADM708S)
3.08 V (ADM706T, ADM708T)
100 μA quiescent current
200 ms reset pulse width
Debounced manual reset input (MR)
Independent watchdog timer
1.6 second timeout (ADM706x)
Reset output
Active high (ADM706P)
Active low (ADM706R, ADM706S, ADM706T)
Both active high and active low (ADM708R, ADM708S,
ADM708T)
Voltage monitor for power-fail or low battery warning
Guaranteed RESET valid with VCC = 1 V
Superior upgrade for MAX706P/R/S/T, MAX708R/S/T
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Critical microprocessor monitoring
Battery-operated systems
Portable instruments
FUNCTIONAL BLOCK DIAGRAMS
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
INPUT (WDI)
POWER-FAIL
INPUT (PFI)
POWER-FAIL
OUTPUT (PFO)
WATCHDOG
OUTPUT (WDO)
RESET,
(P = RESET)
*VOLTAGE REFERENCE = 2.63V (P/R), 2.93V (S), 3.08V (T)
ADM706P/ADM706R/
ADM706S/ADM706T
WATCHDOG
TIMER
RESET AND
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
70μA
VCC
VREF*
1.25V
Figure 1. ADM706P/ADM706R/ADM706S/ADM706T
1.25V
INPUT (PFI)
* VOLTAGE REFERENCE = 2.63V (R), 2.93V (S), 3.08V (T)
POWER-FAIL
RESET
RESET
GENERATOR
MR
VCC
70μA
VCC
RESET
VREF*
POWER-FAIL
OUTPUT (PFO)
ADM708R/ADM708S/
ADM708T
Figure 2. ADM708R/ADM708S/ADM708T
GENERAL DESCRIPTION
The ADM706P/ADM706R/ADM706S/ADM706T and the
ADM708R/ADM708S/ADM708T microprocessor supervisory
circuits are suitable for monitoring either 3 V or 3.3 V power
supplies.
The ADM706P/ADM706R/ADM706S/ADM706T provide
power-supply monitoring circuitry that generate a reset output
during power-up, power-down, and brownout conditions. The
reset output remains operational with VCC as low as 1 V.
Independent watchdog monitoring circuitry is also provided.
This is activated if the watchdog input has not been toggled
within 1.6 seconds.
In addition, there is a 1.25 V threshold detector for power-fail
warning, low battery detection, or to monitor an additional power
supply. An active low debounced MR input is also included.
The ADM706R, ADM706S, and ADM706T are identical except
for the reset threshold monitor levels, which are 2.63 V, 2.93 V, and
3.08 V, respectively. The ADM706P is identical to the ADM706R in
that the reset threshold is 2.63 V. It differs only in that it has an
active high reset output.
The ADM708R/ADM708S/ADM708T provide similar functio-
nality as the ADM706R/ADM706S/ADM706T and only differ
in that a watchdog timer function is not available. Instead, an
active high reset output (RESET) is provided in addition to the
active low (RESET) output.
All parts are available in narrow 8-lead PDIP and 8-lead SOIC
packages.


Similar Part No. - ADM708SANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM708SANZ AD-ADM708SANZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results

Similar Description - ADM708SANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706P AD-ADM706P Datasheet
129Kb / 8P
3 V, Voltage Monitoring uP Supervisory Circuits
REV.A
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708ARZ-REEL AD-ADM708ARZ-REEL Datasheet
486Kb / 16P
3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com